Electronic Components Datasheet Search
  English  ▼

X  

PK25 Datasheet(PDF) 1 Page - CUI INC

Part # PK25
Description  dc-dc converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PK25 Datasheet(HTML) 1 Page - CUI INC

  PK25 Datasheet HTML 1Page - CUI INC PK25 Datasheet HTML 2Page - CUI INC PK25 Datasheet HTML 3Page - CUI INC PK25 Datasheet HTML 4Page - CUI INC PK25 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: dc-dc converter
1 of 5
11/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: PK25
features
·industry standard pin out
·wide 2:1 input range
·fully isolated
·output voltage trimmable
·low ripple & noise
·over-current protection
·over-voltage protection
·output on/off control
·HI-POT tested
·constant switching frequency
·high efficiency
·compact size 2.56”x2.0”x0.375”
·3 year warranty
MODEL 1
output
input
output
output
output
ripple & noise 2
efficiency
power
voltage
voltage
current
current
mV P-P
(typ.)
(max)
(min)
(max)
PK25-D5-S3.3
10.6W
4.5-9VDC
3.3VDC
0A
3.2A
75
73%
PK25-D5-S5
16.0W
4.5-9VDC
5VDC
0A
3.2A
75
75%
PK25-D5-S12
20.4W
4.5-9VDC
12VDC
0A
1.7A
120
77%
PK25-D5-S15
21.0W
4.5-9VDC
15VDC
0A
1.4A
150
77%
PK25-D5-D5
16.0W
4.5-9VDC
±5VDC
0A
1.6A
100/100
75%
PK25-D5-D12
20.4W
4.5-9VDC
±12VDC
0A
0.85A
120/120
77%
PK25-D5-D15
21.0W
4.5-9VDC
±15VDC
0A
0.7A
150/150
77%
PK25-D12-S3.3
13.2W
8-16.5VD
3.3VDC
0A
4.0A
75
83%
PK25-D12-S5
20.0W
9-18VDC
5VDC
0A
4.0A
75
85%
PK25-D12-S12
25.2W
9-18VDC
12VDC
0A
2.1A
120
89%
PK25-D12-S15
25.5W
9-18VDC
15VDC
0A
1.7A
150
89%
PK25-D12-D5
20.0W
9-18VDC
±5VDC
0A
2.0A
100/100
80%
PK25-D12-D12
25.2W
9-18VDC
±12VDC
0A
1.05A
120/120
86%
PK25-D12-D15
25.5W
9-18VDC
±15VDC
0A
0.85A
150/150
86%
PK25-D24-S3.3
13.2W
18-36VDC
3.3VDC
0A
4.0A
75
83%
PK25-D24-S5
20.0W
18-36VDC
5VDC
0A
4.0A
75
85%
PK25-D24-S12
25.2W
18-36VDC
12VDC
0A
2.1A
120
89%
PK25-D24-S15
25.5W
18-36VDC
15VDC
0A
1.7A
150
90%
PK25-D24-D5
20.0W
18-36VDC
±5VDC
0A
2.0A
100/100
82%
PK25-D24-D12
25.2W
18-36VDC
±12VDC
0A
1.05A
120/120
86%
PK25-D24-D15
25.5W
18-36VDC
±15VDC
0A
0.85A
150/150
86%
PK25-D48-S3.3
13.2W
32-72VDC
3.3VDC
0A
4.0A
75
83%
PK25-D48-S5
20.0W
32-72VDC
5VDC
0A
4.0A
75
85%
PK25-D48-S12
25.2W
32-72VDC
12VDC
0A
2.1A
120
90%
PK25-D48-S15
25.5W
32-72VDC
15VDC
0A
1.7A
150
90%
PK25-D48-D5
20.0W
32-72VDC
±5VDC
0A
2.0A
100/100
82%
PK25-D48-D12
25.2W
32-72VDC
±12VDC
0A
1.05A
120/120
86%
PK25-D48-D15
25.5W
32-72VDC
±15VDC
0A
0.85A
150/150
86%
NOTE: 1. All models (excluding the 5 V dc input, D5) are also available in an extended temperature range of -40°C~85°C.
For these models, append “M” to the model number, e.g. PK25-D12-S3.3M.
2. Ripple & noise measured with a 20MHz bandwidth, off a 10uF electrolytic and a 0.1uF ceramic cap in parallel at the
ouptut.
For more information, please visit the product page.


Similar Part No. - PK25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PK25-D12-D12 ETC2-PK25-D12-D12 Datasheet
844Kb / 5P
dc-dc converter
PK25-D12-D15 ETC2-PK25-D12-D15 Datasheet
844Kb / 5P
dc-dc converter
PK25-D12-D5 ETC2-PK25-D12-D5 Datasheet
844Kb / 5P
dc-dc converter
PK25-D12-S12 ETC2-PK25-D12-S12 Datasheet
844Kb / 5P
dc-dc converter
PK25-D12-S15 ETC2-PK25-D12-S15 Datasheet
844Kb / 5P
dc-dc converter
More results

Similar Description - PK25

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com