Electronic Components Datasheet Search
  English  ▼

X  

HT6207 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT6207
Description  3(18) Series of Encoders
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6207 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT6207 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6207 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIH
²H² Input Voltage
¾¾
0.8VDD
¾
VDD
V
VIL
²L² Input Voltage
¾¾
0
¾
0.2VDD
V
fOSC
Oscillator Frequency
10V ROSC=330kW¾
100
¾
kHz
RTE
TE Pull-low Resistance
5V
VTE=5V
¾
1.5
3
MW
RDATA D12~D17 Pull-low
Resistance
5V VDATA=5V
¾
1.5
3
MW
Functional Description
Operation
The 3
18 series of encoders begins a three-word transmission cycle upon receipt of a transmission en-
able (TE for the HT600/HT640/HT680 or D12~D17 for the HT6187/HT6207/HT6247, active high).
This cycle will repeat itself as long as the transmission enable (TE or D12~D17) is held high. Once
the transmission enable falls low, the encoder output completes its final cycle and then stops as
shown below.
Information word
An information word consists of 4 periods as shown:
318 Series of Encoders
5
July 8, 1999
3 w o r d s
3 w o r d s
E n c oder
Da t a O u t
T r ans m i t t e d
C ont i nuo us l y
< 1 w o r d
TE o r
D 12~ D 17
Transmission timing
P i l o t per i o d
(6 b i t s )
A ddr es s c ode per i od
D a t a c ode per i o d
1/ 6 bi t
S y nc . per i o d
Composition of information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com