Electronic Components Datasheet Search
  English  ▼

X  

V78-2000 Datasheet(PDF) 2 Page - CUI INC

Part # V78-2000
Description  NON-ISOLATED SWITCHING REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

V78-2000 Datasheet(HTML) 2 Page - CUI INC

  V78-2000 Datasheet HTML 1Page - CUI INC V78-2000 Datasheet HTML 2Page - CUI INC V78-2000 Datasheet HTML 3Page - CUI INC V78-2000 Datasheet HTML 4Page - CUI INC V78-2000 Datasheet HTML 5Page - CUI INC V78-2000 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
cui.com
CUI Inc
│ SERIES: V78-2000 │ DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR
date
03/21/2014 │ page 2 of 6
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
2.5 and 3.3 V outputs
5 V output
6.5 V output
4.75
7
8.5
12
12
12
18
18
18
Vdc
Vdc
Vdc
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
Vin = min ~ max, at full load
±0.5
±0.75
%
load regulation
measured from 10% load to full load
±0.5
±1.0
%
voltage accuracy
100% load
±2
±3
%
switching frequency
100% load, input voltage range
300
340
380
kHz
temperature coefficient
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
continuous, automatic recovery
thermal shutdown
internal IC junction
150
°C
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
EMI/EMC
EN 55022 class B, EN 61000-4-2 level 3 6kV / 8kV perf. criteria B
MTBF
2,000,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
85
°C
storage temperature
-55
125
°C
case temperature
100
°C
storage humidity
non-condensing
95
%
temperature rise
at full load
25
°C
lead temperature
1.5 mm from case for 10 seconds
300
°C
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com