Electronic Components Datasheet Search
  English  ▼

X  

MUR644CT Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # MUR644CT
Description  GLASS PASSIVATED SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

MUR644CT Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  MUR644CT Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. MUR644CT Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
120
150
0
2
4
6
8
10
12
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
REVERSE VOLTAGE. VOLTS
T, PULSE DURATION ,sec.
LEAD TEMPERATURE ( C)
°
RESISTIVE OR INDUCTVE LOAD
1
10
0.1
0.1
0.1
0.01
1
1
10
10
100
100
100
4000
1000
100
FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
T =25 C
f=1.0MH
J
Z
°
Vsig=50mVp-p
RATINGS AND CHARACTERISTIC CURVES MUR620CT THRU MUR660CT
180
0.001
0.01
1
0.1
10
20
20
0
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE%
T =25 C
J
°
T =100 C
J
°
0.01
0.1
1
50
10
0
0.4
0.2
0.8 1.0
0.6
1.2
1.6 1.8
1.4
2.0 2.2 2.4
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
PULSE WIDTH=300 S
1% DUTY CYCLE
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
9-15
0
30
15
45
75
60
110
100
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
(JEDEC Method)
-
50
20
5
2
90
105



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com