Electronic Components Datasheet Search
  English  ▼

X  

6N137VT1 Datasheet(PDF) 2 Page - CT Micro International Corporation

Part # 6N137VT1
Description  10MBit/s High Speed Logic Gate Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

6N137VT1 Datasheet(HTML) 2 Page - CT Micro International Corporation

  6N137VT1 Datasheet HTML 1Page - CT Micro International Corporation 6N137VT1 Datasheet HTML 2Page - CT Micro International Corporation 6N137VT1 Datasheet HTML 3Page - CT Micro International Corporation 6N137VT1 Datasheet HTML 4Page - CT Micro International Corporation 6N137VT1 Datasheet HTML 5Page - CT Micro International Corporation 6N137VT1 Datasheet HTML 6Page - CT Micro International Corporation 6N137VT1 Datasheet HTML 7Page - CT Micro International Corporation 6N137VT1 Datasheet HTML 8Page - CT Micro International Corporation 6N137VT1 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 2
Jul, 2014
6N137
10MBit/s High Speed Logic Gate Optocoupler
Absolute Maximum Rating at 25oC
Symbol
Parameters
Ratings
Units
Notes
VISO
Isolation voltage *1
5000
VRMS
TOPR
Operating temperature
-55 ~ +100
oC
TSTG
Storage temperature
-55 ~ +125
oC
TSOL
Soldering temperature *2
260
oC
Emitter
IF
Forward current
50
mA
VR
Reverse voltage
5
V
PI
Power dissipation
100
mW
Detector
PO
Power dissipation
85
mW
IO
Average Output current
50
mA
VO
Output voltage
7.0
V
1min(Max.)
VCC
Supply voltage
7.0
V
VE
Enable Input Voltage Not to Exceed VCC by more than 500mV
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com