Electronic Components Datasheet Search
  English  ▼

X  

CT350 Datasheet(PDF) 11 Page - CT Micro International Corporation

Part # CT350
Description  2.5A MOSFET/IGBT Gate Driver Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT350 Datasheet(HTML) 11 Page - CT Micro International Corporation

Back Button CT350 Datasheet HTML 7Page - CT Micro International Corporation CT350 Datasheet HTML 8Page - CT Micro International Corporation CT350 Datasheet HTML 9Page - CT Micro International Corporation CT350 Datasheet HTML 10Page - CT Micro International Corporation CT350 Datasheet HTML 11Page - CT Micro International Corporation CT350 Datasheet HTML 12Page - CT Micro International Corporation CT350 Datasheet HTML 13Page - CT Micro International Corporation CT350 Datasheet HTML 14Page - CT Micro International Corporation CT350 Datasheet HTML 15Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 11
Aug, 2013
CT350
2.5A MOSFET/IGBT Gate Driver Optocoupler
Recommended Solder Mask Dimensions in mm unless otherwise stated
Device Marking
Note:
CT
: Denotes “CT Micro”
350
: Product Number
Y
: Fiscal Year
WW
: Work Week
D
: Production Code
CT
350
YWWD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com