Electronic Components Datasheet Search
  English  ▼

X  

LMH6502MA Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6502MA
Description  Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6502MA Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMH6502MA Datasheet HTML 1Page - National Semiconductor (TI) LMH6502MA Datasheet HTML 2Page - National Semiconductor (TI) LMH6502MA Datasheet HTML 3Page - National Semiconductor (TI) LMH6502MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6502MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6502MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6502MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6502MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6502MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Electrical Characteristics(Note 2) (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VS = ±5V, AV(MAX) = 10, VCM = 0V, RF =1k
Ω,R
G = 174
Ω,
V
IN_DIFF = ±0.1V, RL = 100
Ω,V
G = +2V. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 6)
Max
(Note 6)
Units
DC & Miscellaneous Performance
GACCU
Gain Accuracy (See Application
Note)
V
G = 2.0V
0.0
+0.6
dB
1V < V
G < 2V
+0.6/−0.3
+3.1/−3.6
G Match
Gain Matching (See Application
Note)
V
G = 2.0V
–
±0.6
dB
1 < V
G < 2V
–
+2.8/−3.9
K
Gain Multiplier
(See Application Notes)
1.61
1.58
1.72
1.84
1.91
V/V
V
CM
Input Voltage Range
Pin3&6 Common Mode,
|CMRR| > 55dB (Note 9)
±2.0
±1.70
±2.2
V
V
IN_DIFF
Differential Input Voltage
Between pins3&6
±0.3
±0.12
±0.39
V
I
RG_MAX
R
G Current
Pins4&5
±1.70
±1.56
±2.22
mA
I
BIAS
Bias Current
Pins 3 & 6(Note 7)
9
18
20
µA
Pins3&6 (Note 7),
V
S = ±2.5V
2.5
5
6
TC I
BIAS
Bias Current Drift
Pin 3 & 6(Note 8)
100
nA/˚C
I
OFF
Offset Current
Pin3&6
0.01
2.0
3.6
µA
TC I
OFF
Offset Current Drift
(Note 8)
5
nA/˚C
R
IN
Input Resistance
Pin3&6
750
k
Ω
C
IN
Input Capacitance
Pin3&6
5
pF
I
VG
V
G Bias Current
Pin 2, V
G = 0V(Note 7)
−300
µA
TC I
VG
V
G Bias Drift
Pin 2(Note 8)
20
nA/˚C
R
VG
V
G Input Resistance
Pin 2
10
k
Ω
C
VG
V
G Input Capacitance
Pin 2
1.3
pF
V
OUT
Output Voltage Range
R
L = 100
Ω
±3.00
±2.95
±3.20
V
R
L = Open
±3.95
±3.82
±4.00
R
OUT
Output Impedance
DC
0.1
Ω
I
OUT
Output Current
V
OUT = ±4V from Rails
±80
±75
±90
mA
V
O
OFFSET
Output Offset Voltage
0V < V
G < 2V
±80
±300
±380
mV
+PSRR
+Power Supply Rejection Ratio
(Note 10)
Input Referred, 1V change,
V
G = 2.2V
−69
−47
−45
dB
−PSRR
−Power Supply Rejection Ratio
(Note 10)
Input Referred, 1V change,
V
G = 2.2V
−58
−41
−40
dB
CMRR
Common Mode Rejection Ratio
(Note 9)
Input Referred,V
G =2V
−1.8V < V
CM < 1.8V
−72
dB
I
S
Supply Current
No Load
27
38
41
mA
V
S = ±2.5V, RL= Open
9.3
16
19
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com