Electronic Components Datasheet Search
  English  ▼

X  

CT816L2 Datasheet(PDF) 4 Page - CT Micro International Corporation

Part # CT816L2
Description  DC Low Current Input 4-Pin Phototransistor Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT816L2 Datasheet(HTML) 4 Page - CT Micro International Corporation

  CT816L2 Datasheet HTML 1Page - CT Micro International Corporation CT816L2 Datasheet HTML 2Page - CT Micro International Corporation CT816L2 Datasheet HTML 3Page - CT Micro International Corporation CT816L2 Datasheet HTML 4Page - CT Micro International Corporation CT816L2 Datasheet HTML 5Page - CT Micro International Corporation CT816L2 Datasheet HTML 6Page - CT Micro International Corporation CT816L2 Datasheet HTML 7Page - CT Micro International Corporation CT816L2 Datasheet HTML 8Page - CT Micro International Corporation CT816L2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CT Micro
Rev.2
Proprietary & Confidential
Page 4
Oct, 2015
CT816L Series
DC Low Current Input 4-Pin Phototransistor Optocoupler
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
tr
Rise Time
IC= 2mA, VCC= 5V,
RL= 100
-
4.9
-
µ s
tf
Fall Time
-
6.5
-
ton
Turn-on Time
-
8.6
-
toff
Turn-off Time
-
6.9
-
Typical Characteristic Curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com