Electronic Components Datasheet Search
  English  ▼

X  

SF36G Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SF36G
Description  GLASS PASSIVATED SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SF36G Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  SF36G Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SF36G Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
G
SF31
THRU SF38G
0
100
25
50
75
125
150
175
0
2.0
0.5
3.0
FIG.1-MAXIMUM AVERAGE FORWARD CURRENT DERATING
AMBIENT TEMPERATURE ( C)
°
0.1
1.0
100
10
0.01
0.1
1
0
50
25
75
125
100
10
20
0
40
60
80
100
120
1
10
100
0.2
0.4
0.8
0.6
1.6
1.0
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL REVERSE CHARACTERISTICS
FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine Wave
(JEDEC Method)
-
TJ=25 C
°
40
0.1
0.5
1
5
2
10
50
20
100
60
100
120
160
80
140
FIG.5-TYPICAL JUNCTION CAPACITANCE
SF35G
SF38G
-
Tj 25 C
Pulse Width=300 s
1% Duty Cycle
= °
μ
SF31G
SF34G
-
SF35G
SF36G
-
SF37G
SF38G
-
FIG.3-TYPICAL FORWARD CHARACTERISTICS
Single Phase Half Wave 60Hz
Resistive or Inductive Load
0 375
9 5mm Lead Length
.''( .
)
140
1000
1.4
1.2
100
50
20
5
2
150
200
500 1000
SF31G
SF34G
-
1.0
1.5
2.5
10000
TJ=100 C
°
175
180
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com