Electronic Components Datasheet Search
  English  ▼

X  

SF37G Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SF37G
Description  GLASS PASSIVATED SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SF37G Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  SF37G Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SF37G Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF31G THRU SF38G
GLASS PASSIVATED SUPER FAST RECTIFIER
Reverse Voltage: 50 to 600 Volts
Forward Current:3.0Amperes
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,60HZ,resistive or inductive
load. For capacitive load,derate current by 20%.)
°
Note: 1.Reverse Recovery Test conditions: I 0.5A,I =1.0A,I =0.25A.
F=
R
RR
2.Measured at 1MH and applied reverse voltage of 4.0 Volts.
Z
R
SEMICONDUCT OR
FEATURES
Maximum Repetitive Peak Reverse Voltage
VRRM
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
0 375
9 5mm Lead Length T =55 C
.
''( .
)
@ A
Maximum Instantaneous Forward Voltage
at 3.0 A
Operating Temperature Range
Maximum Reverse Recovery Time(Note1)
Maximum DC Reverse Current
At Rated DC Blocking Voltage
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load
JEDEC Method
()
-55 to+150
100
35
35
5.0
R
JA
θ
50
50
35
100
100
70
200
200
140
80
0.95
1.3
Trr
3.0
Symbols
Volts
Volts
Volts
Volts
A
Amps
Amps
℃
ns
Units
SF
31G
SF
32G
SF
33G
SF
34G
SF
35G
SF
36G
SF
37G
300
300
210
500
500
350
400
400
280
150
150
105
1.7
℃
Typical Thermal Resistance NOTE3
()
3 Mount on Cu Pad Size 16mmX16mm on PCB
.-
.
Low forward voltage drop
High current capability
High reliability
High surge current capability
Lead (Pb)-free component
Component in accordance to RoHS 2011 65 EU
High temperature soldering guaranteed:260 C/10 seconds at terminals
//
°
Storage Temperature Range
TJ
SF
38G
600
420
600
-55 to+150
℃/W
DO-201AD
Dimensions in inches and (millimetrers)
0.375(9.50)
0.210(5.3)
0.052(1.32)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.285(7.20)
0.190(4.8)
DIA.
0.045(1.14)
DIA.
Case: JEDEC DO-201AD molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,method 2026
Polarity: Color band denotes cathode end
Any
Weight: 0.041ounce, 1.15 grams
Mounting Position:
T =25 C
A
°
T =100 C
A
°
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
2-1


Similar Part No. - SF37G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF37G TSC-SF37G Datasheet
72Kb / 2P
3.0 AMPS. Ultra Fast Recovery Rectifiers
SF37G TSC-SF37G Datasheet
258Kb / 2P
3.0 AMPS. Glass Passivated Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
SF37G BILIN-SF37G Datasheet
159Kb / 2P
GLASS PASSIVATED RECTIFIERS
logo
MIC GROUP RECTIFIERS
SF37G MIC-SF37G Datasheet
52Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Chongqing Pingwei Enter...
SF37G CHONGQING-SF37G Datasheet
39Kb / 1P
SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF37G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR520 JINGHENG-MUR520 Datasheet
60Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR520M2 JINGHENG-MUR520M2 Datasheet
51Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
SF16X HORNBY-SF16X Datasheet
298Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
SF30XPT HORNBY-SF30XPT Datasheet
275Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
MUR4060CT JINANJINGHENG-MUR4060CT Datasheet
164Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
SF51G CHENDA-SF51G_V01 Datasheet
571Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
MUR2020R RECTRON-MUR2020R Datasheet
575Kb / 5P
SUPER FAST GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com