Electronic Components Datasheet Search
  English  ▼

X  

CT3062SL Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # CT3062SL
Description  6Pin Zero Cross TRIAC Driver Coupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3062SL Datasheet(HTML) 3 Page - CT Micro International Corporation

  CT3062SL Datasheet HTML 1Page - CT Micro International Corporation CT3062SL Datasheet HTML 2Page - CT Micro International Corporation CT3062SL Datasheet HTML 3Page - CT Micro International Corporation CT3062SL Datasheet HTML 4Page - CT Micro International Corporation CT3062SL Datasheet HTML 5Page - CT Micro International Corporation CT3062SL Datasheet HTML 6Page - CT Micro International Corporation CT3062SL Datasheet HTML 7Page - CT Micro International Corporation CT3062SL Datasheet HTML 8Page - CT Micro International Corporation CT3062SL Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CT Micro
CT Micro
Rev 1
Proprietary & Confidential
Page 3
Aug, 2013
CT303X, CT304X, CT306X, CT308X
6Pin Zero Cross TRIAC Driver Coupler
Electrical Characteristics T
A = 25°C (unless otherwise specified)
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward voltage
IF=10mA
1.2
1.4
V
IR
Reverse Current
VR = 6V
-
-
5
µA
CIN
Input Capacitance
f= 1MHz
-
45
-
pF
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
IDRM1
Peak Blocking
Current
CT303X,
CT304X
IF= 0mA, VDRM= Rated VDRM
-
-
100
nA
CT306X,
CT308X
-
-
500
IDRM2
Inhibit Leakage Current
IF= Rated IFT, VDRM= Rated
VDRM
500
µA
VTM
Peak On-State Voltage
IF= Rated IFT, ITM= 100mA
-
-
3
V
dv/dt
Critical Rate of Rise
off-State Voltage
CT303X,
CT304X,
CT306X
VPEAK= Rated VDRM
1000
-
-
V/µs
CT308X
VPEAK = 400V
600
-
-
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
IFT
Input
Trigger
Current
CT3031, CT3041,
Ct3061, CT3081
Terminal Voltage = 3V
-
-
15
V
CT3032, CT3042,
CT3062, CT3082
-
-
10
CT3033, CT3043,
CT3063, CT3083
-
-
5
IH
Holding Current
-
270
-
µA
RIO
Isolation Resistance
VIO= 500VDC
1x1011
Ω
CIO
Isolation Capacitance
f= 1Mhz
0.25
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com