Electronic Components Datasheet Search
  English  ▼

X  

CT3082SLTAG Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CT3082SLTAG
Description  6Pin Zero Cross TRIAC Driver Coupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3082SLTAG Datasheet(HTML) 1 Page - CT Micro International Corporation

  CT3082SLTAG Datasheet HTML 1Page - CT Micro International Corporation CT3082SLTAG Datasheet HTML 2Page - CT Micro International Corporation CT3082SLTAG Datasheet HTML 3Page - CT Micro International Corporation CT3082SLTAG Datasheet HTML 4Page - CT Micro International Corporation CT3082SLTAG Datasheet HTML 5Page - CT Micro International Corporation CT3082SLTAG Datasheet HTML 6Page - CT Micro International Corporation CT3082SLTAG Datasheet HTML 7Page - CT Micro International Corporation CT3082SLTAG Datasheet HTML 8Page - CT Micro International Corporation CT3082SLTAG Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CT Micro
CT Micro
Rev 1
Proprietary & Confidential
Page 1
Aug, 2013
CT303X, CT304X, CT306X, CT308X
6Pin Zero Cross TRIAC Driver Coupler
Package Outline
Schematic
Note: Different bending options available. See package
dimension.
Features
High isolation 5000 VRMS
Peak Breakdown Voltage
250V
– CT303X
400V
– CT304X
600V
– CT306X
800V
– CT308X
Temperature range - 55 °C to 100 °C
Applications
Motor Controls
Lamp ballasts
Static AC Power Switch
Solenoid/ Valve Control
Description
The CT303X, CT304X, CT306X and CT308X series
consists of a Zero Cross Photo Triac optically
coupled to a gallium arsenide Infrared-emitting
diode in a 6-lead DIP package with bending options.


Similar Part No. - CT3082SLTAG

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3082SLT1 CTMICRO-CT3082SLT1 Datasheet
966Kb / 12P
600V/800V Zero Cross 6-Pin Phototriac Optocoupler
CT3082SLT1-G CTMICRO-CT3082SLT1-G Datasheet
966Kb / 12P
600V/800V Zero Cross 6-Pin Phototriac Optocoupler
CT3082SLT2 CTMICRO-CT3082SLT2 Datasheet
966Kb / 12P
600V/800V Zero Cross 6-Pin Phototriac Optocoupler
CT3082SLT2-G CTMICRO-CT3082SLT2-G Datasheet
966Kb / 12P
600V/800V Zero Cross 6-Pin Phototriac Optocoupler
More results

Similar Description - CT3082SLTAG

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3SD21NXZCF SHARP-PC3SD21NXZCF Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZBF SHARP-PC3SD21NTZBF Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SF21YVZAF SHARP-PC3SF21YVZAF Datasheet
297Kb / 15P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21NTZCF SHARP-PC3SD21NTZCF Datasheet
979Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YTZD SHARP-PC3SD21YTZD Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPDF SHARP-PC3SD21YXPDF Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXPLF SHARP-PC3SD21YXPLF Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZC SHARP-PC3SD21YXZC Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC3SD21YXZCF SHARP-PC3SD21YXZCF Datasheet
344Kb / 17P
Zero cross type DIP 6pin Phototriac Coupler for triggering
PC4SD21NTZCF SHARP-PC4SD21NTZCF Datasheet
330Kb / 16P
Zero cross type DIP 6pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com