Electronic Components Datasheet Search
  English  ▼

X  

CT3150VSLT2 Datasheet(PDF) 12 Page - CT Micro International Corporation

Part # CT3150VSLT2
Description  1.0A MOSFET/IGBT Gate Driver Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3150VSLT2 Datasheet(HTML) 12 Page - CT Micro International Corporation

Back Button CT3150VSLT2 Datasheet HTML 7Page - CT Micro International Corporation CT3150VSLT2 Datasheet HTML 8Page - CT Micro International Corporation CT3150VSLT2 Datasheet HTML 9Page - CT Micro International Corporation CT3150VSLT2 Datasheet HTML 10Page - CT Micro International Corporation CT3150VSLT2 Datasheet HTML 11Page - CT Micro International Corporation CT3150VSLT2 Datasheet HTML 12Page - CT Micro International Corporation CT3150VSLT2 Datasheet HTML 13Page - CT Micro International Corporation CT3150VSLT2 Datasheet HTML 14Page - CT Micro International Corporation CT3150VSLT2 Datasheet HTML 15Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 12
Jun, 2015
CT3150
1.0A MOSFET/IGBT Gate Driver Optocoupler
Ordering Information
CT3150(V)(Y)(Z)
V = VDE Option ( V or None)
Y = Lead form option (S, SL, M or none)
Z = Tape and reel option (T1, T2 or none)
Option
Description
Quantity
None
Standard 8 Pin Dip
40 Units/Tube
M
Gullwing (400mil) Lead Forming
40 Units/Tube
S(T1)
Surface Mount Lead Forming – With Option 1 Taping
1000 Units/Reel
S(T2)
Surface Mount Lead Forming – With Option 2 Taping
1000 Units/Reel
SL(T1)
Surface Mount (Low Profile) Lead Forming– With Option 1 Taping
1000 Units/Reel
SL(T2)
Surface Mount (Low Profile) Lead Forming – With Option 2 Taping
1000 Units/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15