Electronic Components Datasheet Search
  English  ▼

X  

CT3150MT2 Datasheet(PDF) 4 Page - CT Micro International Corporation

Part # CT3150MT2
Description  1.0A MOSFET/IGBT Gate Driver Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3150MT2 Datasheet(HTML) 4 Page - CT Micro International Corporation

  CT3150MT2 Datasheet HTML 1Page - CT Micro International Corporation CT3150MT2 Datasheet HTML 2Page - CT Micro International Corporation CT3150MT2 Datasheet HTML 3Page - CT Micro International Corporation CT3150MT2 Datasheet HTML 4Page - CT Micro International Corporation CT3150MT2 Datasheet HTML 5Page - CT Micro International Corporation CT3150MT2 Datasheet HTML 6Page - CT Micro International Corporation CT3150MT2 Datasheet HTML 7Page - CT Micro International Corporation CT3150MT2 Datasheet HTML 8Page - CT Micro International Corporation CT3150MT2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 4
Jun, 2015
CT3150
1.0A MOSFET/IGBT Gate Driver Optocoupler
Electrical Characteristics
Typical values are measured at Vcc=30V, VEE= Gnd, TA = -400C to 1000C (unless otherwise specified)
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
TPHL
High to Low Propagation Delay
IF= 7 to 16mA, Cg= 3nF,
Rg= 47
-
110
200
ns
TPLH
Low to High Propagation Delay
-
120
200
ns
PWD
Pulse Width Distortion
-
-
45
ns
tPSK
Propagation Delay Skew
-
-
38
ns
tr
Rise Time
-
30
100
ns
tf
Fall Time
-
15
60
ns
|CMH|
Common Mode Transient High
VCC= 30V,
TA= 250C,
VCM= 1kV
IF= 7 to 16mA
VO(min)=26V
-20
-
-
kV/µs
|CML|
Common Mode Transient Low
IF= 0mA
VO(max)=1V
20
-
-
kV/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com