Electronic Components Datasheet Search
  English  ▼

X  

CT3150VS Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # CT3150VS
Description  1.0A MOSFET/IGBT Gate Driver Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3150VS Datasheet(HTML) 3 Page - CT Micro International Corporation

  CT3150VS Datasheet HTML 1Page - CT Micro International Corporation CT3150VS Datasheet HTML 2Page - CT Micro International Corporation CT3150VS Datasheet HTML 3Page - CT Micro International Corporation CT3150VS Datasheet HTML 4Page - CT Micro International Corporation CT3150VS Datasheet HTML 5Page - CT Micro International Corporation CT3150VS Datasheet HTML 6Page - CT Micro International Corporation CT3150VS Datasheet HTML 7Page - CT Micro International Corporation CT3150VS Datasheet HTML 8Page - CT Micro International Corporation CT3150VS Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 3
Jun, 2015
CT3150
1.0A MOSFET/IGBT Gate Driver Optocoupler
Recommended Operating Conditions
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Input Current
IF(ON)
7.5
-
10
mA
Input Voltage
VF(OFF)
0
-
0.8
V
Supply Voltage
VCC
10
-
30
V
Peak Output Current
IOPH/IOPL
-
-
±1.0
A
Operating Temperature
Topr
-40
-
100
oC
Electrical Characteristics
Typical values are measured at Vcc=30V, VEE= Gnd, TA = -400C to 1000C (unless otherwise specified)
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward Voltage
IF = 5mA
-
1.4
1.7
V
VR
Reverse Voltage
IR = 10µA
5.0
-
-
V
VF/ TA
Temperature coefficient of forward
voltage
IF =5mA
-
-1.7
-
mV/°C
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
ICCL
Logic Low Supply Current
VF = 0 to 0.8V, VO= Open
-
1.95
3
mA
ICCH
Logic High Supply Current
IF= 7mA to 10mA, VO= Open
-
1.98
3
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VOH
High Level Output Voltage
IF= 5mA, IO= -100mA
VCC-4V
VCC-0.3
V
-
V
VOL
Low Level Output Voltage
VCC= 30V, IO= 100mA
-
0.28
1.0
IOPH
High Level Output Current
VCC= 30V, V6-5= 4V, IF= 5mA
-
-1
-0.5
A
VCC= 30V, V6-5= 15V, IF= 5mA
-
-1.8
-1.0
IOPL
Low Level Output Current
VCC= 30V, V6-5= 2.5V, IF= 0mA
0.5
0.75
-
A
VCC= 30V, V6-5= 10V, IF= 0mA
1.0
1.5
-
IFLH
Input Threshold Current
VO> 5V, VCC= 30V
-
2.6
5
mA
VFHL
Input Threshold Voltage
VO< 5V, VCC= 30V
0.8
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com