Electronic Components Datasheet Search
  English  ▼

X  

1N4001 Datasheet(PDF) 1 Page - Comchip Technology

Part # 1N4001
Description  General Purpose Plastic Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N4001 Datasheet(HTML) 1 Page - Comchip Technology

  1N4001 Datasheet HTML 1Page - Comchip Technology 1N4001 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4001 thru 1N4007
Features
- Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
- Low reverse leakage
- High forward surge capability
- High temperature soldering guaranteed: 350°C/10
Seconds, 0.375" (9.5mm) lead length
- Guardring for overvoltage protection
Mechanical Data
- Case: JEDEC DO-41 molded plastic body
- Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
- Polarity: Color band denotes cathode end
- Mounting Position: Any
- Weight: 0.012 oz., 0.3 g
- Weight: 0.34 g
General Purpose Plastic Rectifier
General Purpose Plastic Rectifier
www.comchiptech.com
COMCHIP
COMCHIP
MDS0312002A
Page 1
Reverse Voltage: 50 to 1000V
Forward Current: 1.0A
DO-41
Dimensions in inches and (millimeters)
0.107 (2.7)
0.080 (2.0)
Dia.
0.034 (0.86)
0.028 (0.71)
Dia.
1.0 (25.4)
Min.
0.205 (5.2)
0.160 (4.1)
1.0 (25.4)
Min.
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symb.
1N
1N
1N
1N
1N
1N
1N
Unit
4001
4002
4003
4004
4005
4006
4007
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
* Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
* Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
* Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 75°C
IF(AV)
1.0
A
* Peak forward surge current 8.3ms single half sine-wave
IFSM
30
A
superimposed on rated load (JEDEC Method) TA = 75°C
* Maximum full load reverse current, full cycle
average 0.375" (9.5mm) lead length TL = 75°C
IR(AV)
30
µA
Typical thermal resistance(1)
R
θJA
50
°C/W
R
θJL
25
* Maximum DC blocking voltage temperature
TA
+150
V
* Operating junction and storage temperature range
TJ, TSTG
–50 to +175
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Maximum instantaneous forward voltage at 1.0A
VF
1.1
V
* Maximum DC reverse current
TA = 25°C
5.0
at rated DC blocking voltage
TA = 125°C
IR
50
µA
Typical junction capacitance at 4.0V, 1MHz
CJ
15
pF
Note: (1) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
*JEDEC registered values


Similar Part No. - 1N4001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
1N4001 PHILIPS-1N4001 Datasheet
40Kb / 5P
Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Surge Components
1N4001 SURGE-1N4001 Datasheet
99Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Transys Electronics
1N4001 TRSYS-1N4001 Datasheet
147Kb / 3P
PLASTIC SILICON RECTIFIER
logo
Won-Top Electronics
1N4001 WTE-1N4001 Datasheet
52Kb / 3P
1.0A SILICON RECTIFIER
More results

Similar Description - 1N4001

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
General Purpose Plastic Rectifier
23-Feb-11
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Vishay Siliconix
P600A VISHAY-P600A_15 Datasheet
80Kb / 5P
General Purpose Plastic Rectifier
13-Aug-13
logo
Shanghai Leiditech Elec...
1N5406G LEIDITECH-1N5406G Datasheet
385Kb / 2P
General Purpose Plastic Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com