Electronic Components Datasheet Search
  English  ▼

X  

SN54LS795 Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN54LS795
Description  TRI-STATE OCTAL BUFFERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS795 Datasheet(HTML) 1 Page - Motorola, Inc

  SN54LS795 Datasheet HTML 1Page - Motorola, Inc SN54LS795 Datasheet HTML 2Page - Motorola, Inc SN54LS795 Datasheet HTML 3Page - Motorola, Inc SN54LS795 Datasheet HTML 4Page - Motorola, Inc SN54LS795 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
5-609
FAST AND LS TTL DATA
TRI-STATE OCTAL BUFFERS
The SN54 / 74LS795 thru SN54 / 74LS798 device types provide a second
source for the 71 / 81LS95 thru 71 / 81LS98 series. These devices are octal
low power Schottky versions of the 70/8095 thru 70/8098 3-STATE Hex
Buffers. The LS795 and LS797 are noninverting and the LS796 and LS798
are inverting functions. On each buffer, one of the two inputs is used as a
control line to gate the output into the high impedance state, while the other
input passes the data through the buffer. On the LS795 and LS796 access is
through a 2-input NOR gate, with all eight 3-STATE enable lines common. On
the LS797 and LS798, four buffers are enabled from one common line and the
other four buffers from another common line. On all device types the 3-STATE
condition is achieved by applying a high logic level to the enable pins.
TRUTH TABLES
LS795
INPUTS
OUTPUT
G1
G2
A
Y
H
X
L
L
X
H
L
L
X
X
H
L
Z
Z
H
L
LS796
INPUTS
OUTPUT
G1
G2
A
Y
H
X
L
L
X
H
L
L
X
X
H
L
Z
Z
L
H
LS797
INPUTS
OUTPUT
G
A
Y
H
L
L
X
H
L
Z
H
L
LS798
INPUTS
OUTPUT
G
A
Y
H
L
L
X
H
L
Z
L
H
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54
74
– 2.6
– 5.0
mA
IOL
Output Current — Low
54
74
8.0
16
mA
SN54/74LS795
SN54/74LS796
SN54/74LS797
SN54/74LS798
TRI-STATE OCTAL BUFFERS
LOW POWER SCHOTTKY
ORDERING INFORMATION
SN54LSXXXJ
Ceramic
SN74LSXXXN
Plastic
SN74LSXXXDW SOIC
20
1
J SUFFIX
CERAMIC
CASE 732-03
20
1
N SUFFIX
PLASTIC
CASE 738-03
20
1
DW SUFFIX
SOIC
CASE 751D-03


Similar Part No. - SN54LS795

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS795 MOTOROLA-SN54LS795 Datasheet
169Kb / 5P
TRI-STATE OCTAL BUFFERS
SN54LS795J MOTOROLA-SN54LS795J Datasheet
169Kb / 5P
TRI-STATE OCTAL BUFFERS
More results

Similar Description - SN54LS795

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS795 MOTOROLA-SN54LS795 Datasheet
169Kb / 5P
TRI-STATE OCTAL BUFFERS
logo
National Semiconductor ...
54F240DM NSC-54F240DM Datasheet
189Kb / 10P
Octal Buffers/Line Drivers with TRI-STATE Outputs
54LS365A NSC-54LS365A Datasheet
131Kb / 6P
Hex TRI-STATE Buffers
54LS367A NSC-54LS367A Datasheet
137Kb / 6P
Hex TRI-STATE Buffers
DM54367 NSC-DM54367 Datasheet
94Kb / 4P
Hex TRI-STATE Buffers
DM54LS240 NSC-DM54LS240 Datasheet
142Kb / 6P
Octal TRI-STATE Buffers/Line Drivers/Line Receivers
54ACQ244 NSC-54ACQ244 Datasheet
29Kb / 7P
Octal Buffers/Line Drivers With TRI-State Outputs
54LS240 NSC-54LS240 Datasheet
102Kb / 3P
Octal TRI-STATE Buffers/Line Drivers/Line Receivers
logo
List of Unclassifed Man...
DM80L98 ETC1-DM80L98 Datasheet
90Kb / 2P
TRI-STATE Hex Buffers
logo
National Semiconductor ...
54ACT240DMQB NSC-54ACT240DMQB Datasheet
18Kb / 6P
Octal Buffers/Line Drivers With TRI-State Outputs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com