Electronic Components Datasheet Search
  English  ▼

X  

CT3032VST2 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CT3032VST2
Description  250V/400V Zero Cross 6-Pin Phototriac Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3032VST2 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CT3032VST2 Datasheet HTML 1Page - CT Micro International Corporation CT3032VST2 Datasheet HTML 2Page - CT Micro International Corporation CT3032VST2 Datasheet HTML 3Page - CT Micro International Corporation CT3032VST2 Datasheet HTML 4Page - CT Micro International Corporation CT3032VST2 Datasheet HTML 5Page - CT Micro International Corporation CT3032VST2 Datasheet HTML 6Page - CT Micro International Corporation CT3032VST2 Datasheet HTML 7Page - CT Micro International Corporation CT3032VST2 Datasheet HTML 8Page - CT Micro International Corporation CT3032VST2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 1
Jul, 2014
CT3031, CT3032, CT3033
CT3041, CT3042, CT3043
250V/400V Zero Cross 6-Pin Phototriac Optocoupler
Package Outline
Schematic
Note: Different lead forming options available. See package
dimension.
Features
•
•
•
•
High isolation 5000 VRMS
•
•
•
•
Peak Breakdown Voltage
250V – CT3031,3032,3033
400V – CT3041,3042,3043
•
•
•
•
Temperature range - 55 °C to 100 °C
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Applications
•
•
•
•
Motor Controls
•
•
•
•
Lamp ballasts
•
•
•
•
Static AC Power Switch
•
•
•
•
Solenoid/ Valve Control
Description
The CT3031, CT3032, CT3033, CT3041, CT3042
and CT3043 consists of a Zero Cross Photo Triac
optically coupled to a gallium arsenide
Infrared-emitting diode in a 6-Pin DIP package with
different lead forming options.


Similar Part No. - CT3032VST2

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3032 CTMICRO-CT3032 Datasheet
1Mb / 11P
6Pin Zero Cross TRIAC Driver Coupler
CT3032-5L CTMICRO-CT3032-5L Datasheet
907Kb / 9P
250V/400V Zero Cross 5-Pin Phototriac Optocoupler
CT3032-5L-G CTMICRO-CT3032-5L-G Datasheet
907Kb / 9P
250V/400V Zero Cross 5-Pin Phototriac Optocoupler
CT3032G CTMICRO-CT3032G Datasheet
1Mb / 11P
6Pin Zero Cross TRIAC Driver Coupler
CT3032M CTMICRO-CT3032M Datasheet
1Mb / 11P
6Pin Zero Cross TRIAC Driver Coupler
More results

Similar Description - CT3032VST2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3061-M FAIRCHILD-MOC3061-M Datasheet
540Kb / 10P
6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
MOC3061-M FAIRCHILD-MOC3061-M_05 Datasheet
538Kb / 10P
6-PIN DIP ZERO-CROSS PHOTOTRIAC DRIVER OPTOCOUPLER (600V PEAK)
logo
CT Micro International ...
CT3010 CTMICRO-CT3010 Datasheet
811Kb / 12P
250V/400V Random Phase 6-Pin Phototriac Optocoupler
CT3010-5L CTMICRO-CT3010-5L Datasheet
746Kb / 8P
250V/400V Random Phase 5-Pin Phototriac Optocoupler
CT3031-5L CTMICRO-CT3031-5L Datasheet
907Kb / 9P
250V/400V Zero Cross 5-Pin Phototriac Optocoupler
CT3061 CTMICRO-CT3061 Datasheet
966Kb / 12P
600V/800V Zero Cross 6-Pin Phototriac Optocoupler
CT3061-5L CTMICRO-CT3061-5L Datasheet
954Kb / 10P
600V/800V Zero Cross 5-Pin Phototriac Optocoupler
CTM3083 CTMICRO-CTM3083 Datasheet
988Kb / 10P
Zero Cross 4-Pin Mini-Flat Phototriac Optocoupler
CTM3010 CTMICRO-CTM3010 Datasheet
761Kb / 10P
250V/400V Random Phase MFP-4L Phototriac Optocoupler
CTM3031 CTMICRO-CTM3031 Datasheet
923Kb / 10P
250V/400V Zero Cross MFP-4L Phototriac Optocouple
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com