Electronic Components Datasheet Search
  English  ▼

X  

CT3022VST2 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CT3022VST2
Description  250V/400V Random Phase 6-Pin Phototriac Optocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CT3022VST2 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CT3022VST2 Datasheet HTML 1Page - CT Micro International Corporation CT3022VST2 Datasheet HTML 2Page - CT Micro International Corporation CT3022VST2 Datasheet HTML 3Page - CT Micro International Corporation CT3022VST2 Datasheet HTML 4Page - CT Micro International Corporation CT3022VST2 Datasheet HTML 5Page - CT Micro International Corporation CT3022VST2 Datasheet HTML 6Page - CT Micro International Corporation CT3022VST2 Datasheet HTML 7Page - CT Micro International Corporation CT3022VST2 Datasheet HTML 8Page - CT Micro International Corporation CT3022VST2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 1
Jul, 2014
CT3010, CT3011, CT3012
CT3020, CT3021, CT3022, CT3023
250V/400V Random Phase 6-Pin Phototriac Optocoupler
Package Outline
Schematic
Note: Different lead forming options available. See package
dimension.
Features
•
•
•
•
High isolation 5000 VRMS
•
•
•
•
Peak Breakdown Voltage
250V – CT3010,3011,3012
400V – CT3020,3021,3022,3023
•
•
•
•
Temperature range - 55 °C to 100 °C
•
•
•
•
RoHS compliance
•
•
•
•
REACH compliance
•
•
•
•
Halogen compliance(Optional)
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Description
The CT3010, CT3011, CT3012, CT3020, CT3021,
CT3022 and CT3023 consists of a Random Phase
Photo Triac optically coupled to a gallium arsenide
Infrared-emitting diode in a 6-lead DIP package with
different lead forming options.
Applications
•
•
•
•
Motor Controls
•
•
•
•
Lamp ballasts
•
•
•
•
Static AC Power Switch
•
•
•
•
Solenoid/ Valve Control


Similar Part No. - CT3022VST2

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3022-5L CTMICRO-CT3022-5L Datasheet
746Kb / 8P
250V/400V Random Phase 5-Pin Phototriac Optocoupler
CT3022-5L-G CTMICRO-CT3022-5L-G Datasheet
746Kb / 8P
250V/400V Random Phase 5-Pin Phototriac Optocoupler
More results

Similar Description - CT3022VST2

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT3010-5L CTMICRO-CT3010-5L Datasheet
746Kb / 8P
250V/400V Random Phase 5-Pin Phototriac Optocoupler
CT3031 CTMICRO-CT3031 Datasheet
969Kb / 12P
250V/400V Zero Cross 6-Pin Phototriac Optocoupler
CT3031-5L CTMICRO-CT3031-5L Datasheet
907Kb / 9P
250V/400V Zero Cross 5-Pin Phototriac Optocoupler
CT3051 CTMICRO-CT3051 Datasheet
809Kb / 12P
600V Random Phase 6-Pin Phototriac Optocoupler
CT3051-5L CTMICRO-CT3051-5L Datasheet
743Kb / 8P
600V Random Phase 5-Pin Phototriac Optocoupler
CT3061 CTMICRO-CT3061 Datasheet
966Kb / 12P
600V/800V Zero Cross 6-Pin Phototriac Optocoupler
CTM3051 CTMICRO-CTM3051 Datasheet
957Kb / 10P
600V Random Phase 4-Pin Mini-Flat Phototriac Optocoupler
logo
ON Semiconductor
MOC3071M ONSEMI-MOC3071M Datasheet
519Kb / 15P
6-Pin DIP Random-Phase Triac Driver Optocoupler
November 2016 - Rev. 1
logo
CT Micro International ...
CTM3010 CTMICRO-CTM3010 Datasheet
761Kb / 10P
250V/400V Random Phase MFP-4L Phototriac Optocoupler
logo
ON Semiconductor
MOC3010M ONSEMI-MOC3010M Datasheet
348Kb / 12P
6-Pin DIP Random-Phase Triac Driver Output Optocoupler
May, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com