Electronic Components Datasheet Search
  English  ▼

X  

LD8031CD Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LD8031CD
Description  0.80 inch Three Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD8031CD Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LD8031CD Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD8031CD Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD8031CD Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121729
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.80 inch Three Digit 7 Segment LED Display
LD8031C/D Series - 0.80 inch Three Digit 7 Segment LED Display
Features
20.30 mm (0.80 inch) digit high
Excellent digit appearance
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White segment, black face
RoHS compliant
Package Dimensions
59.2
PIN 1
20.0
0.51
23
2.54*5=12.70
DIG.1
1.75
11.20
C
DP
B
G
E
F
A
20.0
D
DIG.2
DIG.3
8.0
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm(0.01inch)unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative face and segment color
Alternative font
Both CA and CC versions are available
Cropped terminal pins


Similar Part No. - LD8031CD

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD8031AB LIGHTKEY-LD8031AB Datasheet
71Kb / 3P
0.80 inch Three Digit 7 Segment LED Display
LD8031AD LIGHTKEY-LD8031AD Datasheet
71Kb / 3P
0.80 inch Three Digit 7 Segment LED Display
LD8031AG LIGHTKEY-LD8031AG Datasheet
71Kb / 3P
0.80 inch Three Digit 7 Segment LED Display
logo
Intel Corporation
LD8031AH INTEL-LD8031AH Datasheet
762Kb / 21P
MCS51 8-BIT CONTROL-ORIENTED MICROCONTROLLERS
logo
LightKey Optoelectronic...
LD8031AO LIGHTKEY-LD8031AO Datasheet
71Kb / 3P
0.80 inch Three Digit 7 Segment LED Display
More results

Similar Description - LD8031CD

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
0.56 inch Three Digit 7 Segment LED Display
LD5631EF LIGHTKEY-LD5631EF Datasheet
161Kb / 3P
0.56 inch Three Digit 7 Segment LED Display
LD8011AB LIGHTKEY-LD8011AB Datasheet
154Kb / 3P
0.80 inch Single Digit 7 Segment LED Display
LD8012AB LIGHTKEY-LD8012AB Datasheet
155Kb / 3P
0.80 inch Single Digit 7 Segment LED Display
LD8021AB LIGHTKEY-LD8021AB Datasheet
157Kb / 3P
0.80 inch Dual Digit 7 Segment LED Display
LD8021CD LIGHTKEY-LD8021CD Datasheet
162Kb / 3P
0.80 inch Dual Digit 7 Segment LED Display
LD8031AB LIGHTKEY-LD8031AB Datasheet
71Kb / 3P
0.80 inch Three Digit 7 Segment LED Display
LD8033AB LIGHTKEY-LD8033AB Datasheet
176Kb / 3P
0.80 inch Three Digit 7 Segment LED Display
LD8041AB LIGHTKEY-LD8041AB Datasheet
170Kb / 3P
0.80 inch Four Digit 7 Segment LED Display
LD8041CD LIGHTKEY-LD8041CD Datasheet
161Kb / 3P
0.80 inch Four Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com