Electronic Components Datasheet Search
  English  ▼

X  

LD8012BO Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD8012BO
Description  0.80 inch Single Digit 7 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD8012BO Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD8012BO Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD8012BO Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD8012BO Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121724
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.80 inch Single Digit 7 Segment LED Display
Internal Circuit Diagram
LD8012A (Common Cathode)
LD8012B (Common Anode)
10
7,8,15 NO PIN
114
12
4
213
6
A
B
C
D
LDP
3,5,11,16
F
EG
R
9
DP
10
7,8,15 NO PIN
B
A
114
D
C
12
LDP
F
E
4
G
213
3,5,11,16
RDP
69
Selection Guide
Single Digit 7 Segment LED Display, Digit Height: 20.4 mm(0.80inch), External Dimensions:
20.00x27.70x8.40mm (L x W x H )
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD8012AR
LD8012BR
GaAlAs
Super Red
640
8
10
8
10
LD8012AD
LD8012BD
GaAlAs
Hi-Red
640
18
25
18
25
LD8012AO
LD8012BO
GaAsP
Orange
625
7
9
7
9
LD8012AY
LD8012BY
GaAsP
Yellow
588
8
10
8
10
LD8012AG
LD8012BG
GaP
Green
568
7
9
7
9
LD8012AUR
LD8012BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD8012AUO
LD8012BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD8012AUA
LD8012BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD8012AUY
LD8012BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD8012AUG
LD8012BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD8012APG
LD8012BPG
InGaN
Pure Green
525
120
300
120
300
LD8012AUB
LD8012BUB
InGaN
Ultra Blue
470
30
45
30
45
LD8012AUW
LD8012BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com