Electronic Components Datasheet Search
  English  ▼

X  

LD10013APG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD10013APG
Description  1.00 inch Single Digit 16 Segment LED Display
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD10013APG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD10013APG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD10013APG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD10013APG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121734
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.00 inch Single Digit 16 Segment LED Display
Internal Circuit Diagram
LD10013A (Common Cathode)
LD10013B (Common Anode)
5, 8, 17& 20 NO PIN
5, 8, 17& 20 NO PI N
Selection Guide
Single Digit 16 Segment LED Display, Digit Height:25.40mm(1.00 inch), External Dimensions:
23.00x33.00x14.80mm (L x W x H )
Part No.
Chip
IV@IF=20mA
IV@IF=20mA
One Seg
One Seg A D G or DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD10013AR
LD10013BR
GaAlAs
Super Red
640
12
15
8
10
LD10013AD
LD10013BD
GaAlAs
Hi-Red
640
27
37.5
18
25
LD10013AO
LD10013BO
GaAsP
Orange
625
10.5
13.5
7
9
LD10013AY
LD10013BY
GaAsP
Yellow
588
12
15
8
10
LD10013AG
LD10013BG
GaP
Green
568
10.5
13.5
7
9
LD10013AUR
LD10013BUR
AlGaInP
Ultra Red
640
45
67.5
30
45
LD10013AUO
LD10013BUO
AlGaInP
Ultra Orange
625
67.5
90
45
60
LD10013AUA
LD10013BUA
AlGaInP
Ultra Amber
605
45
67.5
30
45
LD10013AUY
LD10013BUY
AlGaInP
Ultra Yellow
595
45
67.5
30
45
LD10013AUG
LD10013BUG
AlGaInP
Ultra Green
573
45
67.5
30
45
LD10013APG
LD10013BPG
InGaN
Pure Green
525
180
450
120
300
LD10013AUB
LD10013BUB
InGaN
Ultra Blue
470
45
67.5
30
45
LD10013AUW
LD10013BUW
SMD
Ultra White
\
150
180
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com