Electronic Components Datasheet Search
  English  ▼

X  

BUF420A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUF420A
Description  High Voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUF420A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUF420A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUF420A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
2
isc Silicon NPN Power Transistor
BUF420A
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 0.2A; IB= 0; L= 25mH
450
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 50mA; IC= 0
7
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 10A; IB= 1A
0.8
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 20A; IB= 2A
0.5
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 10A; IB= 1A
0.9
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 20A; IB= 2A
1.1
V
ICER
Collector Cutoff Current
VCE=1000V; RBE= 5Ω
VCE=1000V; RBE= 5Ω;TC=100℃
0.2
1.0
mA
ICEV
Collector Cutoff Current
VCE=1000V; VBE= -1.5V
VCE=1000V; VBE= -1.5V;TC=100℃
0.2
1.0
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
1.0
mA
Switching Times; Resistive Load
ts
Storage Time
IC= 10A; IB1= 0.5A; VCC= 50V;
VBB= -5V, RBB= 0.6Ω; L= 0.25mH
Vclamp= 400V
1.0
μs
tf
Fall Time
0.05
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com