Electronic Components Datasheet Search
  English  ▼

X  

BUX98P Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BUX98P
Description  High Voltage Capability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUX98P Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BUX98P Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUX98P Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN Power Transistor
BUX98P
DESCRIPTION
·High Voltage Capability
·High Current Capability
·Fast Switching Speed
APPLICATIONS
·Switch mode power supplies
·Motor control
·High frequency and efficiency converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
850
V
VCEO
Collector-Emitter Voltage
450
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current-Continuous
30
A
ICM
Collector Current-peak
45
A
IB
Base Current-Continuous
6
A
IBM
Base Current-peak
10
A
PC
Collector Power Dissipation
@TC=25℃
200
W
Tj
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.63
℃/W


Similar Part No. - BUX98P

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BUX98P NJSEMI-BUX98P Datasheet
213Kb / 3P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
logo
Inchange Semiconductor ...
BUX98PI ISC-BUX98PI Datasheet
225Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - BUX98P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJP3305H2 FAIRCHILD-FJP3305H2 Datasheet
288Kb / 6P
High Voltage Capability
logo
Inchange Semiconductor ...
BUD48A ISC-BUD48A Datasheet
209Kb / 2P
High Voltage Capability
logo
STMicroelectronics
STT13005FP STMICROELECTRONICS-STT13005FP Datasheet
268Kb / 10P
High voltage capability
September 2009 Rev 2
TRD136D STMICROELECTRONICS-TRD136D Datasheet
387Kb / 12P
High voltage capability
28-Jun-2011
TRD236D STMICROELECTRONICS-TRD236D Datasheet
247Kb / 12P
High voltage capability
June 2011 Rev 1
logo
Central Semiconductor C...
CDM3-800 CENTRAL-CDM3-800 Datasheet
967Kb / 4P
High voltage capability
CDM7-600LR CENTRAL-CDM7-600LR Datasheet
1Mb / 4P
High voltage capability
CDM2205-800FP CENTRAL-CDM2205-800FP Datasheet
932Kb / 4P
High voltage capability
CDM22011-600LRFP CENTRAL-CDM22011-600LRFP Datasheet
985Kb / 4P
High voltage capability
logo
Shenzhen hui lida elect...
MJE13003 HUILIDA-MJE13003 Datasheet
1Mb / 3P
HIGH VOLTAGE CAPABILITY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com