Electronic Components Datasheet Search
  English  ▼

X  

5542FE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 5542FE
Description  22 AWG bare copper conductors, PVC insulation, conductors twisted into pairs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5542FE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5542FE Datasheet HTML 1Page - List of Unclassifed Manufacturers 5542FE Datasheet HTML 2Page - List of Unclassifed Manufacturers 5542FE Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CEC/C(UL) Specification:
CMG
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1666 Vertical Shaft
CSA Flame Test:
FT4
Plenum/Non-Plenum
Plenum (Y/N):
No
Plenum Number:
6542FE
Surface Printing (Overall)
Electrical Characteristics (Overall)
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/ft)
31
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/ft)
55.8
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
16.3
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
13.9
Max. Operating Voltage - UL:
Voltage
300 V RMS
Max. Recommended Current:
Current
2 Amps per conductor @ 25°C
Related Documents:
No related documents are available for this product
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
5542FE 008U1000
1,000 FT
27.000 LB
GRAY
3 PR #22 PVC FS FRPVC
5542FE 0081000
1,000 FT
29.000 LB
GRAY
3 PR #22 PVC FS FRPVC
Revision Number: 1
Revision Date: 05-14-2007
© 2011 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
Page 2 of 3
05-10-2011
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
5542FE Multi-Conductor - Commercial Applications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com