Electronic Components Datasheet Search
  English  ▼

X  

7704NH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7704NH
Description  22 AWG solid bare copper, Foam flame retardant Pe insulated, 2 pair, Beldfoil Aluminium Polyester shield
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7704NH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7704NH Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7704NH
date 10/20/00
page 1 of 1
Product datasheet
Description
22 AWG solid bare copper, Foam flame retardant Pe insulated, 2 pair, Beldfoil Aluminium Polyester
shield, 24 AWG drain wire, LSNH jacket
Dimensions
Nom. insulation Thickness
mm
0.45
Nom. diameter over insulation
mm
1.32
Nom. Jacket thickness
mm
0.6
Nom. outer diameter
mm
6.5
Electrical characteristics
Max. operating voltage
V Rms
300
Max. Continuos current per conductor @ 25 deg. C
A
2.5
Nom. Capacitance between conductors of a pair @ 1kHz
nF/km
46
Nom. capacitance conductor to shield @ 1 kHz
nF/km
80
Nom. Conductor DC resistance @ 20 Deg. C
Ohm/km
55
Nom. Shield DC resistance @ 20 Deg. C
Ohm/km
17
Nom. Impedance @ 1 MHz
Ohm
100
Nom. Attenuation
@772kHz 1.9 dB/100m @ 1 MHz 2.1dB/100m @ 4 MHz 4.3 dB/100m @ 10MHz 7.2 dB/100m @ 16
MHz 8.9 dB/100m @ 20 MHz 10.2 db/100m
Physical characteristics
Temperature rating
Deg. C
-15 to +80
Insulation material
Foam Flame retardant Pe
Jacket material (color)
LSNH (White)
Type shield and % coverage
Aluminium polyester 100%
Max. pulling tension
N
50
Min. bend radius
mm
80
Applicable specifications
BS 7655 Section 6.1 Table 1 LTS 3
Flame resistance
IEC 332-1
Color code
White-Blue & Blue-White / White-orange & orange-White
Application
Instrumentation and computer cables for Data transmission applications ( label contains Ce marking)
© Belden Wire & Cable B.V.
All rights are reserved. Reproduction in whole or in part is prohibited without the written consent of the copyright owner
feb00JZ


Similar Part No. - 7704NH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7704NH ETC2-7704NH Datasheet
136Kb / 1P
Industrial Data Solutions LonWorks Cables
logo
Belden Inc.
7704NH BELDEN-7704NH Datasheet
154Kb / 2P
LonWorks, 2PR #22 Sol BC, PO ins, OS, LSNH Jkt, 300V, Dca
03-04-2023
7704NH.001020 BELDEN-7704NH.001020 Datasheet
154Kb / 2P
LonWorks, 2PR #22 Sol BC, PO ins, OS, LSNH Jkt, 300V, Dca
03-04-2023
7704NH.00305 BELDEN-7704NH.00305 Datasheet
154Kb / 2P
LonWorks, 2PR #22 Sol BC, PO ins, OS, LSNH Jkt, 300V, Dca
03-04-2023
7704NH.00500 BELDEN-7704NH.00500 Datasheet
154Kb / 2P
LonWorks, 2PR #22 Sol BC, PO ins, OS, LSNH Jkt, 300V, Dca
03-04-2023
More results

Similar Description - 7704NH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345000 ETC2-1345000 Datasheet
98Kb / 3P
22 AWG stranded (7x30) .030 bare copper conductor, foam polyethylene insulation
1345383 ETC2-1345383 Datasheet
105Kb / 4P
20 AWG solid .032 bare copper conductor, gas-injected foam HDPE insulation
1346109 ETC2-1346109 Datasheet
99Kb / 3P
18 AWG bare copper conductor, foam polyethylene insulation
1347210 ETC2-1347210 Datasheet
104Kb / 4P
23 AWG solid .023 bare copper conductor, gas-injected foam HDPE insulation
1348490 ETC2-1348490 Datasheet
103Kb / 4P
18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1349791 ETC2-1349791 Datasheet
102Kb / 4P
10 AWG solid .103 bare copper conductor, gas-injected foam HDPE insulation
543945 ETC2-543945 Datasheet
24Kb / 3P
20 AWG solid bare copper conductor, foam polyethylene insulation, bare copper braid shield, PVC jacket, sequential footage marking every two feet.
1505F ETC2-1505F Datasheet
32Kb / 4P
22 AWG stranded (7x29) .031" bare compacted copper conductor, gas-injected foam HDPE insulation, tinned copper double braid shield
1030A ETC2-1030A Datasheet
104Kb / 3P
16 AWG pairs stranded (7x24) bare copper conductors, twisted pairs, overall Beldfoil shield
1694SB ETC2-1694SB Datasheet
105Kb / 3P
18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com