Electronic Components Datasheet Search
  English  ▼

X  

CZRA4760 Datasheet(PDF) 4 Page - Comchip Technology

Part # CZRA4760
Description  SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRA4760 Datasheet(HTML) 4 Page - Comchip Technology

  CZRA4760 Datasheet HTML 1Page - Comchip Technology CZRA4760 Datasheet HTML 2Page - Comchip Technology CZRA4760 Datasheet HTML 3Page - Comchip Technology CZRA4760 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SURFACE MOUNT ZENER DIODE
www.comchip.com.tw
SURFACE MOUNT ZENER DIODE
www.comchip.com.tw
COMCHIP
COMCHIP
MDS0208021A
Page 4
RATING AND CHARACTERISTICS CURVES
CZRA4741 THRU CZRA4764
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
0.01
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
11V-91V NON-REPETITIVE
0.8V-10V NON-REPETITIVE
5% DUTY CYCLE
10% DUTY CYCLE
20% DUTY CYCLE
RECTANGULAR WAVEFORM
TJ = 2
PRIOR TO INITIAL
PULSE
PW, PULSE WIDTH
This graphrepresents 90 percentile data point.
For worst-case design characteristics, multiply surge power by 2/3
Fig. 5-MAXIMUM SURGE POWER
1000
500
200
100
50
20
10
5.0
2.0
1.0
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
47V
27V
0.8V
TJ = 25°C
I
Z(ms) = 0.1IZ(dc)
f= 60Hz
IZ, ZENER CURRENT (mA)
1000
700
500
200
100
70
50
20
10
7
5
2
1
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
TJ = 25°C
I
Z(ms) = 0.1IZ(dc)
f= 60Hz
I
Z =1.0mA
5.0mA
20mA
IZ, ZENER CURRENT (mA)
Fig. 6-EFFECT OF ZENER CURRENT ON ZENER
IMPEDANCE
Fig. 7-EFFECT OF ZENER VOLTAGE ON ZENER
IMPEDANCE
5°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com