Electronic Components Datasheet Search
  English  ▼

X  

7989R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 7989R
Description  Category 6, 23 AWG bonded pairs solid bare copper conductors, non-plenum, polyolefin insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7989R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  7989R Datasheet HTML 1Page - List of Unclassifed Manufacturers 7989R Datasheet HTML 2Page - List of Unclassifed Manufacturers 7989R Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NEC/(UL) Specification:
CMR
CEC/C(UL) Specification:
CMG
EU CE Mark:
No
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1666 Vertical Shaft
CSA Flame Test:
FT4
Plenum/Non-Plenum
Plenum (Y/N):
No
Plenum Number:
7989P
Electrical Characteristics (Overall)
Nom. Mutual Capacitance:
Capacitance (pF/ft)
15.0
Nominal Velocity of Propagation:
VP (%)
70
Maximum Capacitance Unbalance (pF/100 m):
49.2
Typical Delay Skew:
Delay Skew (ns/ft)
0.030
Maximum Conductor DC Resistance:
DCR @ 20°C (Ohm/100 m)
9
Max. Operating Voltage - UL:
Voltage
300 V RMS
Maximum DCR Unbalanced:
DCR Unbalance @ 20°C (%)
3
Electrical Characteristics-Premise (Overall)
Premise Cable Electrical Table 1:
Freq. (MHz) Max. Attenuation (dB/100 m) Min. NEXT (dB) Min. PSNEXT (dB) Min. PSACR (dB) Min RL (dB)
1
2.0
74.3
72.3
70.3
20.0
4
3.8
65.3
63.3
59.5
23.0
8
5.3
60.8
58.8
53.4
24.5
10
6.0
59.3
57.3
51.3
25.0
16
7.6
56.3
54.3
46.7
25.0
20
8.5
54.8
52.8
44.3
25.0
25
9.5
53.4
51.4
41.8
24.3
31.25
10.7
51.9
49.9
39.2
23.6
62.5
15.4
47.4
45.4
30.0
21.5
100
19.8
44.3
42.3
22.5
20.1
Page 2 of 3
06-23-2009
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
7989R Multi-Conductor - 4-Pair UTP Cable for RGB Video



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com