Electronic Components Datasheet Search
  English  ▼

X  

9182NH Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9182NH
Description  Twinaxial instrumentation and computer cable for data transmission applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9182NH Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9182NH Datasheet HTML 1Page - List of Unclassifed Manufacturers 9182NH Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
code 9182NH
version 5
date 2007-02-15
9182NH
page 2/2
Belden Wire & Cable B.V.
All rights are reserved. Reproduction in whole or in part is prohibited without the written consent of the copyright owner
Nominal attenuation @ 20 MHz
5.58 dB/100m
Nominal attenuation @ 50 MHz
8.86 dB/100m
Nominal attenuation @ 100 MHz
14.11 dB/100m
Nominal attenuation @ 200 MHz
20.34 dB/100m
Nominal attenuation @ 400 MHz
28.87 dB/100m
Testvoltage conductor-conductor
2500 VDC, 3 seconds
Testvoltage conductor-screen
2500 VDC, 3 seconds
Voltage rating
300 V RMS
Mechanical and physical:
Flame resistance
IEC 60332-3C
Oil resistance
ASTMD741
Radiation resistance
IEC544 (CERN)
Application specification
BS 7655 section 6.1 table 1, LTS 3
Halogen content according to IEC754-1
zero
Corrosivity of fire gasses according to IEC754-2
Conductivity
≤
100 µS/cm
pH value
≥
3.5
Temperature range installing
-15 to +80 ˚C
Temperature range operating (moving installation)
-15 to +80 ˚C
Temperature range operating (fixed installation)
-45 to +80 ˚C
Temperature range storage
-45 to +80 ˚C
Minimum bending radius
10 x cable diameter
PACKAGING
On non-returnable reels (E 500) with a nominal length of 305m (-0, +10%) or on non-
returnable reels (E 560) with a nominal length of 500m (-0, +10%) or on non-returnable reels
(E 600) with a nominal length of 1000m (-0, +10%).
Each reel is labelled with the following data:
Belden Logo. Belden code number. Item description. Length on the reel. Date of manufacture.
CE-marking.
Belden CDT believes this product to be in compliance with the environmental regulations EU RoHS (Directive 2002/95/EC,
27 January 2003); this is valid for all material produced after the RoHS compliant date for this product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com