Electronic Components Datasheet Search
  English  ▼

X  

2SK635 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SK635
Description  Drain Current ?밒D=3A@ TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK635 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK635 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK635 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK635
FEATURES
·Drain Current
–I
D=3A@ TC=25℃
·Drain Source Voltage-
: VDSS= 500V(Min)
DESCRIPTION
·Designed for high voltage, high speed power switching
applications such as switching regulators, converters,
solenoid and relay drivers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
500
V
VGS
Gate-Source Voltage-Continuous
±20
V
ID
Drain Current-Continuous
3
A
PD
Total Dissipation @TC=25℃
40
W
TJ
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.25
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
62.5
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 2SK635

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK630 ISC-2SK630 Datasheet
64Kb / 2P
Drain Current ?밒D=5A@ TC=25C
2SK631 ISC-2SK631 Datasheet
64Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK632 ISC-2SK632 Datasheet
64Kb / 2P
Drain Current ?밒D=5A@ TC=25C
2SK633 ISC-2SK633 Datasheet
64Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK634 ISC-2SK634 Datasheet
64Kb / 2P
Drain Current ?밒D=10A@ TC=25C
More results

Similar Description - 2SK635

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK538 ISC-2SK538 Datasheet
64Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK311 ISC-2SK311 Datasheet
65Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK726 ISC-2SK726 Datasheet
57Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK846 ISC-2SK846 Datasheet
67Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK1073 ISC-2SK1073 Datasheet
67Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK961 ISC-2SK961 Datasheet
65Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK1356 ISC-2SK1356 Datasheet
62Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK1554 ISC-2SK1554 Datasheet
61Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK1565 ISC-2SK1565 Datasheet
64Kb / 2P
Drain Current ?밒D=3A@ TC=25C
2SK1601 ISC-2SK1601 Datasheet
66Kb / 2P
Drain Current ?밒D= 3A@ TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com