Electronic Components Datasheet Search
  English  ▼

X  

2SK683 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SK683
Description  Drain Current ?밒D=12A@ TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK683 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK683 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK683 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK683
DESCRIPTION
·Drain Current
–I
D=12A@ TC=25℃
·Drain Source Voltage-
: VDSS=500V(Min)
·Fast Switching Speed
APPLICATIONS
·low on
–resistance
·High speed switching
·Low drive current
·No secondary breakdown
·Suitable for switchingregulator, DC
–DC convertor
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
500
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=25℃
12
A
Ptot
Total Dissipation@TC=25℃
100
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 2SK683

ManufacturerPart #DatasheetDescription
logo
NEC
2SK680 NEC-2SK680 Datasheet
317Kb / 6P
N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING?
logo
Renesas Technology Corp
2SK680 RENESAS-2SK680 Datasheet
4Mb / 8P
MOS FIELD EFFECT POWER TRANSISTOR
1986
logo
NEC
2SK680A NEC-2SK680A Datasheet
317Kb / 6P
N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING?
logo
Guangdong Kexin Industr...
2SK680A KEXIN-2SK680A Datasheet
45Kb / 1P
MOS Field Effect Transistor
logo
NEC
2SK680A NEC-2SK680A Datasheet
39Kb / 2P
Field Effect Transistor
More results

Similar Description - 2SK683

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
12N60 ISC-12N60 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
12N65 ISC-12N65 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
2SK682 ISC-2SK682 Datasheet
65Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK1373 ISC-2SK1373 Datasheet
67Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
2SK1449 ISC-2SK1449 Datasheet
68Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK1476 ISC-2SK1476 Datasheet
67Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK1563 ISC-2SK1563 Datasheet
64Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK1570 ISC-2SK1570 Datasheet
67Kb / 2P
Drain Current ?밒D=12A@ TC=25C
2SK1571 ISC-2SK1571 Datasheet
67Kb / 2P
Drain Current ?밒D=12A@ TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com