Electronic Components Datasheet Search
  English  ▼

X  

HSC106M Datasheet(PDF) 1 Page - SemiHow Co.,Ltd.

Part # HSC106M
Description  Silicon Controlled Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HSC106M Datasheet(HTML) 1 Page - SemiHow Co.,Ltd.

  HSC106M Datasheet HTML 1Page - SemiHow Co.,Ltd. HSC106M Datasheet HTML 2Page - SemiHow Co.,Ltd. HSC106M Datasheet HTML 3Page - SemiHow Co.,Ltd. HSC106M Datasheet HTML 4Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
◎ SEMIHOW REV.A0, December 2014
 Repetitive Peak Off-State Voltage (V
DRM=400V/600V)
 R.M.S On-State Current (I
T(RMS)=4.0A)
 Average On-State Current (I
T(AV)=2.55A)
HSC106D/M
Silicon Controlled Rectifier
Dec 2014
General Description
Glassivated PNPN devices designed for high volume consumer
applications such as temperature, light and speed control, process
and remote control, and warning systems where reliability of
operation is important.
Absolute Maximum Ratings (Ta=25℃)
Symbol
Parameter
Value
Units
VDRM
Repetitive Peak Off-State Voltage (Forward)
HSC106D
HSC106M
400
600
V
VRRM
Repetitive Peak Off-State Voltage (Reverse)
HSC106D
HSC106M
400
600
V
IT(RMS)
R.M.S On-State Current (All conduction angles)
4.0
A
IT(AV)
Average On-State Current
2.55
A
ITSM
Surge On-State Current
(1/2 Cycle, 60Hz, Sine Wave, Non Repetitive, Tj=110℃)
20
A
PGM
Forward Peak Gate Power Dissipation
(Pulse Width
≤1.0μsec, Tc=80℃)
0.5
W
PG(AV)
Forward Average Gate Power Dissipation
(Pulse Width
≤1.0μsec, Tc=80℃)
0.1
W
VRGM
Reverse Peak Gate Voltage
6.0
V
IFGM
Forward Peak Gate Current
(Pulse Width
≤1.0μsec, Tc=80℃)
0.2
A
TSTG
Storage Temperature Range
-40 to +150
℃
Tj
Operating Junction Temperature
-40 to +110
℃
FEATURES
1. K
2. A
3. G
V
DRM =
400V / 600 V
I
T(RMS) = 4.0A
1.Cathode
Symbol
2.Anode
3.Gate
HSC106D/M
2
1
3
TO-126


Similar Part No. - HSC106M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HSC10680RE MACOM-HSC10680RE Datasheet
175Kb / 4P
Aluminium Housed Power Resistors
logo
TE Connectivity Ltd
HSC10680RE TEC-HSC10680RE Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
logo
Tyco Electronics
HSC10680RF MACOM-HSC10680RF Datasheet
175Kb / 4P
Aluminium Housed Power Resistors
logo
TE Connectivity Ltd
HSC10680RF TEC-HSC10680RF Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
logo
Tyco Electronics
HSC10680RG MACOM-HSC10680RG Datasheet
175Kb / 4P
Aluminium Housed Power Resistors
More results

Similar Description - HSC106M

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
SILICON CONTROLLED RECTIFIER
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
SILICON CONTROLLED RECTIFIER
MCR1718 DIGITRON-MCR1718 Datasheet
118Kb / 2P
SILICON CONTROLLED RECTIFIER
BRY55 DIGITRON-BRY55 Datasheet
177Kb / 2P
SILICON CONTROLLED RECTIFIER
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C137E NJSEMI-C137E Datasheet
182Kb / 3P
Silicon Controlled Rectifier
C203 NJSEMI-C203 Datasheet
89Kb / 2P
Silicon Controlled Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com