Electronic Components Datasheet Search
  English  ▼

X  

RT2528 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT2528
Description  Power Switch with Adjustable Current Limit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT2528 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT2528 Datasheet HTML 1Page - Richtek Technology Corporation RT2528 Datasheet HTML 2Page - Richtek Technology Corporation RT2528 Datasheet HTML 3Page - Richtek Technology Corporation RT2528 Datasheet HTML 4Page - Richtek Technology Corporation RT2528 Datasheet HTML 5Page - Richtek Technology Corporation RT2528 Datasheet HTML 6Page - Richtek Technology Corporation RT2528 Datasheet HTML 7Page - Richtek Technology Corporation RT2528 Datasheet HTML 8Page - Richtek Technology Corporation RT2528 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT2528
®
DS2528-03 November 2013
www.richtek.com
1
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
120m
Ω
Ω
Ω
Ω
Ω, 2.5A Power Switch with Adjustable Current Limit
General Description
The RT2528 is a cost effective, low voltage, P-MOSFET
power switch IC with an adjustable current limit feature.
Low on-resistance (74m
Ω typ.) and low supply current
(120
μA typ.) are designed in this IC.
The RT2528 can offer an adjustable current limit threshold
between 0.5A and 2.5A (typ.) via an external resistor. The
±10% current limit accuracy can be realized for all current
limit settings.
The RT2528 is an ideal solution for power supply
applications since it is functional for various current limit
requirements. The RT2528 is available in the thermal
enhanced SOP-8 (Exposed Pad) package.
Features
Adjustable Current Limit : 0.5A to 2.5A (typ.)
±10% Current Limit Accuracy @ 2A Over
Temperature
120m
Ω
Ω
Ω
Ω
Ω P-MOSFET
Low Supply Current : 120
μμμμμA
Input Operating Voltage Range : 2.5V to 5.5V
Reverse Input-Output Voltage Protection
Built-in Soft-Start
AEC-Q100 Grade 3 Certification
RoHS Compliant and Halogen Free
Simplified Application Circuit
Applications
Automotive Audio, Navigation & Info Systems
Industrial Grade General Purpose Point of Load
Digital Set Top Boxes
Vehicle Electronics
Ordering Information
Pin Configurations
Marking Information
(TOP VIEW)
SOP-8 (Exposed Pad)
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
RT2528
Package Type
SP : SOP-8 (Exposed Pad-option 2)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT2528
GSPYMDNN
RT2528GSP : Product Number
YMDNN : Date Code
Enable
VIN
CIN
VOUT
RILIM
VIN
EN
VOUT
ILIM
GND
RT2528
COUT
VOUT
VOUT
ILIM
VIN
VIN
EN
GND
GND
2
3
4
5
6
7
8
9
FAULT


Similar Part No. - RT2528

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
logo
Adam Technologies, Inc.
RT25 ADAM-TECH-RT25 Datasheet
497Kb / 16P
RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
RT25 ADAM-TECH-RT25 Datasheet
156Kb / 2P
RELAY SIGNAL RELAY THRU-HOLE-RT2
logo
Vishay Siliconix
RT25 VISHAY-RT25 Datasheet
122Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT25 VISHAY-RT25 Datasheet
104Kb / 4P
Wirewound Rheostat / Potentiometer
21-Feb-2019
More results

Similar Description - RT2528

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
Adjustable Current Limit Power Distribution Switch
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
Load Switch with Adjustable Current Limit
logo
Fairchild Semiconductor
FPF2496 FAIRCHILD-FPF2496 Datasheet
749Kb / 9P
Load Switch with Adjustable Current-Limit Control
logo
Richtek Technology Corp...
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
Power Switch with Adjustable Current Limit
logo
ON Semiconductor
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
Precision Load Switch with Adjustable Current Limit
logo
Shanghai Leiditech Elec...
OCP0502A LEIDITECH-OCP0502A Datasheet
2Mb / 13P
2A Power Distribution Switch with ADJustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
Precision Load Switch with Adjustable Current Limit
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com