Electronic Components Datasheet Search
  English  ▼

X  

CLC427 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC427
Description  Dual Voltage Feedback Amplifier for Single Supply Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC427 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  CLC427 Datasheet HTML 1Page - National Semiconductor (TI) CLC427 Datasheet HTML 2Page - National Semiconductor (TI) CLC427 Datasheet HTML 3Page - National Semiconductor (TI) CLC427 Datasheet HTML 4Page - National Semiconductor (TI) CLC427 Datasheet HTML 5Page - National Semiconductor (TI) CLC427 Datasheet HTML 6Page - National Semiconductor (TI) CLC427 Datasheet HTML 7Page - National Semiconductor (TI) CLC427 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
http://www.national.com
6
The maximum power that the package can dissipate at a
given temperature is illustrated in the
Power Derating
curves in the
Typical Performance section. The power
derating curve for any package can be derived by
utilizing the following equation:
where: Tamb = Ambient temperature (°C)
θ
JA = Thermal resistance, from junction to
ambient, for a given package (°C/W)
Layout Considerations
A proper printed circuit layout is essential for achieving
high frequency performance. Comlinear provides evalu-
ation boards for the CLC427 (730038 - DIP, 730036-
SOIC) and suggests their use as a guide for high
frequency layout and as an aid for device testing and
characterization.
General layout and supply bypassing play major roles in
high frequency performance. Follow the steps below as
a basis for high frequency layout:
1. Include 6.8
µF tantalum and 0.1µF ceramic
capacitors on both supplies.
2. Place the 6.8
µF capacitors within 0.75 inches
of the power pins.
3. Place the 0.1
µF capacitors within 0.1 inches
of the power pins.
4. Remove the ground plane under and around
the part, especially near the input and output
pins to reduce parasitic capacitance.
5. Minimize all trace lengths to reduce series
inductances.
Additional information is included in the evaluation board
literature.
Typical Application Circuit
The typical application shown on the front page illustrates
the near rail-to-rail performance of the CLC427.
Multiple Feedback Bandpass Filter
Figure 9 illustrates a bandpass filter and design
equations. The circuit operates from a single supply of
+5V. The voltage divider biases the non-inverting input to
2.5V. The input is AC coupled to prevent the need for
level shifting the input signal at the source.
Use the
design equations to determine R1 and R2 based on the
desired Q and center frequency.
This example illustrates a bandpass filter with Q = 4 and
center frequency fc = 1MHz. Figure 10 indicates the
filter response.
Figure 9: Bandpass Filter Topology
Figure 10: Bandpass Response
Distribution Amplifier
Figure 11 illustrates a distribution amplifier. The topology
utilizes the dual amplifier package. The input is
AC coupled and the non-inverting terminals of both
amplifiers are biased at 2.5V.
Figure 11: Distribution Amplifier
175
Tamb
JA
°−
()
θ
Applications Circuits
Frequency (MHz)
40
30
20
-10
1
10
10
0
30.6dB
940kHz
+
-
1/2
CLC427
R2
3.16k
Ω
0.1
µF
6.8
µF
Vo
Vin
+5V
5.1k
Ω
3(5)
2(6)
4
8
1(7)
5.1k
Ω
+
C
390pF
C
390pF
R1
50
Ω
R
Q
fc
f
resonant frequency
R
R
4Q
A
2Q
A
mid band gain
2
r
r
1
2
2
2
==
==
=
−
π
+
-
1/2
CLC427
Rf
0.1
µF
6.8
µF
Vo1
Vin
+5V
Rg
R
3(5)
2(6)
8
1(7)
C
CC
R
+
Ro
Ro
Ro
Zo
+
-
1/2
CLC427
Rf
Vo2
Rg
3(5)
2(6)
4
1(7)
C
Ro
Ro
Zo



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com