Electronic Components Datasheet Search
  English  ▼

X  

RT8249D Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8249D
Description  Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8249D Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8249D Datasheet HTML 1Page - Richtek Technology Corporation RT8249D Datasheet HTML 2Page - Richtek Technology Corporation RT8249D Datasheet HTML 3Page - Richtek Technology Corporation RT8249D Datasheet HTML 4Page - Richtek Technology Corporation RT8249D Datasheet HTML 5Page - Richtek Technology Corporation RT8249D Datasheet HTML 6Page - Richtek Technology Corporation RT8249D Datasheet HTML 7Page - Richtek Technology Corporation RT8249D Datasheet HTML 8Page - Richtek Technology Corporation RT8249D Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
RT8249D
3
DS8249D-00 May 2016
www.richtek.com
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No.
Pin Name
Pin Function
11
LGATE2
Low-Side Gate Driver Output for Channel 2. LGATE2 swings between GND and
LDO5.
12
VIN
Power Input for 5V and 3.3V LDO Regulators and Buck Controllers.
13
LDO5
5V Linear Regulator Output. LDO5 is also the supply voltage for the low-side
MOSFET and analog supply voltage for the device.
14
BYP1
Switch-over Source Voltage Input for LDO5.
15
LGATE1
Low-Side Gate Driver Output for Channel 1. LGATE1 swings between GND and
LDO5.
16
UGATE1
High-Side Gate Driver Output for Channel 1. UGATE1 swings between PHASE1
and BOOT1.
17
BOOT1
Bootstrap Supply for Channel 1 High-Side Gate Driver. Connect to an external
capacitor according to the typical application circuits.
18
PHASE1
Switch Node of Channel 1 MOSFETs. PHASE1 is the internal lower supply rail for
the UGATE1 high-side gate driver. PHASE1 is also the current sense input for the
Channel 1.
19
SKIPSEL
PWM Operating Mode Selection.
Diode-emulation Mode : Connect to LDO3
Audio Skipping Mode : Short to GND
20
EN1
Enable Control Input for Channel 1.
21
(Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
Functional Block Diagram
Channel 2
Buck
Controller
BOOT2
UGATE2
PHASE2
LGATE2
GND
LDO5
FB2
CS2
PGOOD
Channel 1
Buck
Controller
BOOT1
UGATE1
PHASE1
LGATE1
LDO5
FB1
CS1
LDO5
REF
SW5 Threshold
VIN
LDO5
LDO3
LDO3
BYP1
Power-On
Sequence
Clear Fault Latch
BYP1
SKIPSEL
EN1
EN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com