Electronic Components Datasheet Search
  English  ▼

X  

RT9080 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9080
Description  600mA Low-Dropout Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9080 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9080 Datasheet HTML 1Page - Richtek Technology Corporation RT9080 Datasheet HTML 2Page - Richtek Technology Corporation RT9080 Datasheet HTML 3Page - Richtek Technology Corporation RT9080 Datasheet HTML 4Page - Richtek Technology Corporation RT9080 Datasheet HTML 5Page - Richtek Technology Corporation RT9080 Datasheet HTML 6Page - Richtek Technology Corporation RT9080 Datasheet HTML 7Page - Richtek Technology Corporation RT9080 Datasheet HTML 8Page - Richtek Technology Corporation RT9080 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT9080
®
DS9080-00 April 2016
www.richtek.com
1
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
2
μμμμμA I
Q, 600mA Low-Dropout Linear Regulator
Applications
Portable, Battery Powered Equipment
Ultra Low Power Microcontrollers
Notebook computers
General Description
The RT9080 is a low-dropout (LDO) voltage regulators with
enable function that operates from 1.2V to 5.5V. It provides
up to 600mA of output current and offers low-power
operation in miniaturized packaging.
The features of low quiescent current as low as 2
μA and
almost zero disable current is ideal for powering the battery
equipment to a longer service life. The RT9080 is stable
with the ceramic output capacitor over its wide input range
from 1.2V to 5.5V and the entire range of output load
current (0mA to 600mA).
Features
2
μμμμμA Ground Current at no Load
PSRR = 75dB at 1kHz
Adjustable Output Voltage Available by Specific
Application
±±±±±2% Output Accuracy
600mA (VIN
≥≥≥≥≥ 2.3V) Output Current with EN
Low (0.1
μμμμμA) Disable Current
1.2V to 5.5V Operating Input Voltage
Dropout Voltage : 0.31V at 600mA when VOUT
≥≥≥≥≥ 3V
Support Fixed Output Voltage 0.8V to 3.3V
Stable with Ceramic or Tantalum Capacitor
Current Limit Protection
Over Temperature Protection
TSOT-23-5 and ZQFN-4L 1x1 (ZDFN-4L 1x1) Packages
Available
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Package Type
J5 : TSOT-23-5
QZ : ZQFN-4L 1x1 (Z-Type)
(ZDFN-4L 1x1)
RT9080/N-
Lead Plating System
G : Green (Halogen Free and Pb Free)
Output Voltage
08 : 0.8V
:
33 : 3.3V
Special Request : Any voltage between
0.8V and 3.3V under specific business
agreement
Pin Function
RT9080 : Without SNS Pin
RT9080N : With SNS Pin


Similar Part No. - RT9080

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
RT9080 TECHPUBLIC-RT9080 Datasheet
4Mb / 9P
600mA,2uA, Higt PSRR Voltage Reaulators
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
304Kb / 14P
2μA IQ, 600mA Low-Dropout Linear Regulator
October 2016
RT9080-08GJ5 RICHTEK-RT9080-08GJ5 Datasheet
304Kb / 14P
2μA IQ, 600mA Low-Dropout Linear Regulator
October 2016
RT9080-08GQZ RICHTEK-RT9080-08GQZ Datasheet
304Kb / 14P
2μA IQ, 600mA Low-Dropout Linear Regulator
October 2016
RT9080-09GJ5 RICHTEK-RT9080-09GJ5 Datasheet
304Kb / 14P
2μA IQ, 600mA Low-Dropout Linear Regulator
October 2016
More results

Similar Description - RT9080

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
600mA Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
600mA LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
Low-Dropout, 600mA Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
600mA Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
600mA Low Dropout Linear Regulator
FP6131 FITIPOWER-FP6131 Datasheet
480Kb / 10P
600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com