Electronic Components Datasheet Search
  English  ▼

X  

MSD1583 Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # MSD1583
Description  Coupled Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MSD1583 Datasheet(HTML) 2 Page - Coilcraft lnc.

  MSD1583 Datasheet HTML 1Page - Coilcraft lnc. MSD1583 Datasheet HTML 2Page - Coilcraft lnc. MSD1583 Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document 889-2
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2016
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 889-2 Revised 1/5/16
SRF
Coupling
Leakage
Isat (A)5
Irms (A)
Inductance2
DCR (Ohms)3
typ4 coefficient inductance
10%
20%
30%
both
one
Part number1
(µH)
typ
max
(MHz)
typ
typ (µH)
drop
drop drop windings6 winding7
MSD1583-103ME_
10 ±20%
0.026 0.031
16.0
0.98
0.33
11.7
13.3
14.5
3.68
5.20
MSD1583-123ME_
12 ±20%
0.029 0.037
14.5
0.98
0.36
10.6
12.1
13.2
3.54
5.00
MSD1583-153ME_
15 ±20%
0.039 0.045
12.0
0.99
0.38
9.50
10.8
11.8
3.18
4.50
MSD1583-183ME_
18 ±20%
0.042 0.048
11.5
0.99
0.40
8.70
9.90 10.8
3.04
4.30
MSD1583-223ME_
22 ±20%
0.054 0.065
10.5
0.99
0.40
7.90
8.95
9.80
2.44
3.45
MSD1583-333ME_
33 ±20%
0.083 0.095
8.0
0.99
0.54
6.40
7.30
8.00
2.16
3.05
MSD1583-473ME_
47 ±20%
0.100 0.115
7.1
0.99
0.46
5.40
6.10
6.70
1.98
2.80
MSD1583-683ME_
68 ±20%
0.145 0.165
5.7
0.99
0.79
4.50
5.10
5.50
1.56
2.20
MSD1583-104KE_
100 ±10%
0.230 0.260
5.1
>0.99
0.59
3.70
4.20
4.60
1.24
1.75
MSD1583-154KE_
150 ±10%
0.340 0.380
3.7
>0.99
0.70
3.00
3.42
3.75
1.06
1.50
MSD1583-224KE_
220 ±10%
0.420 0.460
3.2
>0.99
0.89
2.50
2.83
3.10
0.92
1.30
MSD1583-474KE_
470 ±10%
0.950 1.04
2.2
>0.99
1.16
1.70
1.93
2.12
0.65
0.92
MSD1583-105KE_ 1000 ±10%
2.20
2.40
1.6
>0.99
2.02
1.17
1.32
1.45
0.42
0.60
1. When ordering, please specify
termination and packaging codes:
MSD1583-105KED
Termination: E = RoHS compliant matte tin over nickel over phos bronze.
Special order:
Q = RoHS tin-silver-copper (95.5/4/0.5)
or
P = non-RoHS tin-lead (63/37).
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (300 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter D instead.
2. Inductance shown for each winding, measured at 100 kHz, 0.1 Vrms,
0 Adc on an Agilent/HP 4284A LCR meter or equivalent. When leads
are connected in parallel, inductance is the same value. When leads
are connected in series, inductance is four times the value.
3. DCR is for each winding.When leads are connected in parallel, DCR is
half the value.When leads are connected in series, DCR is twice the value.
4. SRF measured using an Agilent/HP 4191A or equivalent. When leads
are connected in parallel, SRF is the same value.
MSD1583 Coupled Inductorsfor SEPIC applications
Typical L vs Frequency
Typical L vs Current
1
10
100
1000
10000
0.1
1
100
10
10 µH
15 µH
22 µH
47 µH
100 µH
150 µH
220 µH
470 µH
1000 µH
Frequency (MHz)
1
10
100
1000
10000
0.1
1
100
10
10 µH
15 µH
22 µH
47 µH
100 µH
150 µH
220 µH
470 µH
1000 µH
Current (A)
Coupled Inductor Core and Winding Loss Calculator
This web-based utility allows you to enter frequency, peak-to-peak
(ripple) current, and
Irms current to predict temperature rise and overall
losses, including core loss.
Go to online calculator.
5. DC current at which the inductance drops the specified amount from its
value without current. It is the sum of the current flowing in both windings.
6. Equal current when applied to each winding simultaneously that
causes a 40°C temperature rise from 25°C ambient. This information is
for reference only and does not represent absolute maximum ratings.
To predict temperature rise go to online calculator.
7. Maximum current when applied to one winding that causes a 40°C
temperature rise from 25°C ambient. This information is for reference
only and does not represent absolute maximum ratings. o predict
temperature rise go to online calculator.
8. Electrical specifications at 25°C.
Refer to Doc 639 “Selecting Coupled Inductors for SEPIC Applications.”
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com