Electronic Components Datasheet Search
  English  ▼

X  

PFD2015 Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # PFD2015
Description  Coupled Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PFD2015 Datasheet(HTML) 3 Page - Coilcraft lnc.

  PFD2015 Datasheet HTML 1Page - Coilcraft lnc. PFD2015 Datasheet HTML 2Page - Coilcraft lnc. PFD2015 Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
Document 1005F-3 Revised 09/08/15
Document 1005F-3
L vs Current
Typical Current Derating
L vs Frequency
PFD2015 Coupled Inductorsfor Flyback, SEPIC and other applications
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
4.7 µH
3.3 µH
2.7 µH
1.8 µH
1.2 µH
1.0 µH
6.8 µH
8.2 µH
10 µH
0.1
1
10
100
110
1000
100
Frequency (MHz)
4.7 µH
3.3 µH
2.7 µH
1.8 µH
1.2 µH
1.0 µH
6.8 µH
8.2 µH
10 µH
0.1
1
10
100
0.01
0.1
10
1
Current (A)
Core material Ferrite
Core and winding loss Go to online calculator
Environmental RoHS compliant, halogen free
Weight 13 – 23 mg
Terminations RoHS compliant silver-palladium-platinum-glass frit.
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –40°C to +125°C.
Tape and reel packaging: –40°C to +80°C
Winding to winding isolation 250 Vrms, one minute
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 2000/7
″ reel; 7500/13″ reel Plastic tape: 8 mm wide,
0.23 mm thick, 4 mm pocket spacing, 1.63 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other
solvents, see Doc787_PCB_Washing.pdf.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com