Electronic Components Datasheet Search
  English  ▼

X  

CTS701 Datasheet(PDF) 8 Page - CT Micro International Corporation

Part # CTS701
Description  0.6A MOSFET/IGBT Gate Driver Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTS701 Datasheet(HTML) 8 Page - CT Micro International Corporation

Back Button CTS701 Datasheet HTML 4Page - CT Micro International Corporation CTS701 Datasheet HTML 5Page - CT Micro International Corporation CTS701 Datasheet HTML 6Page - CT Micro International Corporation CTS701 Datasheet HTML 7Page - CT Micro International Corporation CTS701 Datasheet HTML 8Page - CT Micro International Corporation CTS701 Datasheet HTML 9Page - CT Micro International Corporation CTS701 Datasheet HTML 10Page - CT Micro International Corporation CTS701 Datasheet HTML 11Page - CT Micro International Corporation CTS701 Datasheet HTML 12Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 8
Jan, 2014
CTS701
0.6A MOSFET/IGBT Gate Driver Optocoupler
IF=7mA
to 16mA
0.1uF
100mA
VO
+
-
VCC=10V to 30V
0.1uF
100mA
VO
+
-
VCC=10V to 30V
VF= -0.3V
to 0.8V
+
-
Fig. 13 Test circuit : VOH
Fig. 14 Test circuit : VOL
IF=7mA
to 16mA
0.1uF
VO
+
-
VCC=10V to 30V
0.1uF
VO
+
-
VCC=10V to 30V
VF= -0.3V
to 0.8V
+
-
Fig. 15 Test circuit : ICCH
Fig. 16 Test circuit : ICCL
0.1uF
+
-
VCC=10V to 30V
VO > 1V
IF=7mA
to 16mA
0.1uF
+
-
VCC=10V to 30V
VO < 1V
VF= -0.3V
to 0.8V
+
-
Fig. 17 Test circuit: IFLH
Fig. 18 Test circuit: VFHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com