Electronic Components Datasheet Search
  English  ▼

X  

CTS452T2 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CTS452T2
Description  SDIP-6 1 Mbit/s High Speed Transistor Coupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTS452T2 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CTS452T2 Datasheet HTML 1Page - CT Micro International Corporation CTS452T2 Datasheet HTML 2Page - CT Micro International Corporation CTS452T2 Datasheet HTML 3Page - CT Micro International Corporation CTS452T2 Datasheet HTML 4Page - CT Micro International Corporation CTS452T2 Datasheet HTML 5Page - CT Micro International Corporation CTS452T2 Datasheet HTML 6Page - CT Micro International Corporation CTS452T2 Datasheet HTML 7Page - CT Micro International Corporation CTS452T2 Datasheet HTML 8Page - CT Micro International Corporation CTS452T2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CT Micro
Rev.1
Proprietary & Confidential
Page 1
May, 2015
CTS452, CTS453
SDIP-6 1 Mbit/s High Speed Transistor Coupler
Package Outline
Schematic
Features
•
•
•
•
High speed 1Mbit/s
•
•
•
•
High isolation voltage between input and output
(Viso=5000 Vrms )
•
•
•
•
Guaranteed CTR performance from 0°C to 70°C
•
•
•
•
Wide operating temperature range of -55°C to
100°C
•
•
•
•
Green Package
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Description
The CTS452 and CTS453 devices each consist of
an infrared emitting diode, optically coupled to a
high speed photo detector transistor. A separate
connection
for
the
photodiode
bias
and
output-transistor collector increase the speed by
several orders of magnitude over conventional
phototransistor
couplers
by
reducing
the
base-collector capacitance of the input transistor.
The devices are packaged in a SDIP-6 package .
Applications
•
•
•
•
Line receivers
•
•
•
•
Telecommunication equipment
•
•
•
•
Feedback loop in switch-mode power supplies
•
•
•
•
Home appliances
•
•
•
•
High speed logic ground isolation


Similar Part No. - CTS452T2

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTS4669 FILTRAN-CTS4669 Datasheet
21Kb / 1P
ISDN S-BUS Common Mode Inductor
logo
CT Micro International ...
CTS480 CTMICRO-CTS480 Datasheet
1Mb / 15P
High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
Rev.3 Nov, 2022
logo
Central Technologies
CTS4F CT-CTS4F Datasheet
168Kb / 1P
Shielded Inductors - Axial
CTS4F-100J CT-CTS4F-100J Datasheet
168Kb / 1P
Shielded Inductors - Axial
CTS4F-100K CT-CTS4F-100K Datasheet
168Kb / 1P
Shielded Inductors - Axial
More results

Similar Description - CTS452T2

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
6N137 MARKTECH-6N137 Datasheet
144Kb / 4P
HIGH SPEED COUPLER?
logo
NEC
PS2041 NEC-PS2041 Datasheet
107Kb / 4P
HIGH SPEED 6 PIN PHOTO COUPLER
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
High Speed-10 MBit/s Logic Gate Optocouplers
logo
Vishay Siliconix
SFH6345-X017T VISHAY-SFH6345-X017T Datasheet
178Kb / 7P
Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/關s
09-Mar-12
logo
Fairchild Semiconductor
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
High Speed-10 MBit/s Logic Gate Optocouplers
logo
CT Micro International ...
CTM452 CTMICRO-CTM452 Datasheet
1Mb / 12P
5 Pin Mini-Flat 1 Mbit/s High Speed Transistor Coupler
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Guangdong Youtai Semico...
6N138 UMW-6N138 Datasheet
1Mb / 11P
Darlington High Speed Transistor Photo Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com