Electronic Components Datasheet Search
  English  ▼

X  

CTW450X3VT2 Datasheet(PDF) 4 Page - CT Micro International Corporation

Part # CTW450X3VT2
Description  High Speed Phototransistor Optocoupl
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTW450X3VT2 Datasheet(HTML) 4 Page - CT Micro International Corporation

  CTW450X3VT2 Datasheet HTML 1Page - CT Micro International Corporation CTW450X3VT2 Datasheet HTML 2Page - CT Micro International Corporation CTW450X3VT2 Datasheet HTML 3Page - CT Micro International Corporation CTW450X3VT2 Datasheet HTML 4Page - CT Micro International Corporation CTW450X3VT2 Datasheet HTML 5Page - CT Micro International Corporation CTW450X3VT2 Datasheet HTML 6Page - CT Micro International Corporation CTW450X3VT2 Datasheet HTML 7Page - CT Micro International Corporation CTW450X3VT2 Datasheet HTML 8Page - CT Micro International Corporation CTW450X3VT2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CT Micro
Rev 3
Proprietary & Confidential
Page 4
Apr, 2016
CTW135, CTW136, CTW4502, CTW4503
9mm, 1Mbit/s High Speed Phototransistor Optocoupl
er
Electrical Characteristics
TA = 0 - 70°C (unless otherwise specified). Typical values are measured at TA = 250C and VCC=5V
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
CTR
Current Transfer
Ratio
CTW135
CTW4502
IF=16mA, VO=0.4V,VCC=4.5V,
TA=25°C
7
-
50
%
CTW136
CTW4503
19
-
50
CTW135
CTW4502
IF=16mA, VO=0.5V, VCC=4.5V
5
-
-
CTW136
CTW4503
15
-
-
VOL
Logic Low Output
Voltage
CTW135
CTW4502
IF=16mA,IO=1.1mA,VCC=4.5V,
TA=25°C
-
0.18
0.4
V
CTW136
CTW4503
IF=16mA, IO=3mA, VCC=4.5V,
TA=25°C
-
0.18
0.4
CTW135
CTW4502
IF=16mA, IO=0.8mA,
VCC=4.5V
-
-
0.5
CTW136
CTW4503
IF=16mA, IO=2.4mA,
VCC=4.5V
-
-
0.5
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com