Electronic Components Datasheet Search
  English  ▼

X  

XR-4151 Datasheet(PDF) 6 Page - Exar Corporation

Part # XR-4151
Description  Voltage-to-Frequency Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-4151 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XR-4151 Datasheet HTML 2Page - Exar Corporation XR-4151 Datasheet HTML 3Page - Exar Corporation XR-4151 Datasheet HTML 4Page - Exar Corporation XR-4151 Datasheet HTML 5Page - Exar Corporation XR-4151 Datasheet HTML 6Page - Exar Corporation XR-4151 Datasheet HTML 7Page - Exar Corporation XR-4151 Datasheet HTML 8Page - Exar Corporation XR-4151 Datasheet HTML 9Page - Exar Corporation XR-4151 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
;5

#0;  
3UHFLVLRQ 9ROWDJHWR)UHTXHQF\ &RQYHUWHU
,Q WKLV DSSOLFDWLRQ )LJXUH  WKH ;5 LV XVHG ZLWK DQ
RSHUDWLRQDO DPSOLILHU LQWHJUDWRU WR SURYLGH W\SLFDO OLQHDULW\
RI  RYHU WKH UDQJH RI  WR 9 2IIVHW LV DGMXVWDEOH
WR ]HUR 8QOLNH PDQ\ 9)& GHVLJQV ZKLFK ORVH OLQHDULW\
EHORZ P9 WKLV FLUFXLW UHWDLQV OLQHDULW\ RYHU WKH IXOO UDQJH
RI LQSXW YROWDJH DOO WKH ZD\ WR 9
7ULP WKH IXOO VFDOH DGMXVW SRW DW 9, 9 IRU DQ RXWSXW
IUHTXHQF\ RI N+] 7KH RIIVHW DGMXVW SRW VKRXOG EH VHW IRU
+] ZLWK DQ LQSXW YROWDJH RI P9
7KH RSHUDWLRQDO DPSOLILHU LQWHJUDWRU LPSURYHV OLQHDULW\ RI
WKLV FLUFXLW RYHU WKDW RI )LJXUH  E\ KROGLQJ WKH RXWSXW RI
WKH VRXUFH 3LQ  DW D FRQVWDQW 9 7KHUHIRUH WKH OLQHDULW\
HUURU GXH WR WKH FXUUHQW VRXUFH RXWSXW FRQGXFWDQFH LV
HOLPLQDWHG 7KH GLRGH FRQQHFWHG DURXQG WKH RSHUDWLRQDO
DPSOLILHU SUHYHQWV WKH YROWDJH DW SLQ  RI WKH ;5 IURP
JRLQJ EHORZ  8VH D ORZOHDNDJH GLRGH KHUH VLQFH DQ\
OHDNDJH ZLOO GHJUDGH WKH DFFXUDF\ 7KLV FLUFXLW FDQ EH
RSHUDWHG IURP D VLQJOH SRVLWLYH VXSSO\ LI DQ ;5
JURXQGVHQVLQJ RSHUDWLRQDO DPSOLILHU LV XVHG IRU WKH
LQWHJUDWRU ,Q WKLV FDVH WKH GLRGH FDQ EH OHIW RXW 1RWH WKDW
HYHQ WKRXJK WKH FLUFXLW LWVHOI ZLOO RSHUDWH IURP D VLQJOH
VXSSO\ WKH LQSXW YROWDJH LV QHFHVVDULO\ QHJDWLYH )RU
RSHUDWLRQV DERYH N+] E\SDVV SLQ  RI WKH ;5 ZLWK
P)
9
2)
.
9
56
)XOO 6FDOH 7ULP
.
9
.







;5
5/
.
52
.
IR
)UHTXHQF\
2XWSXW
9/
9
9((
.
2IIVHW $GMXVW
.
9&&
9((

&,
Q)
1


/0

&2
2)
.
5%
.
9,
.
2QH
6KRW
FRPS
&6
6:
)LJXUH  3UHFLVLRQ 9ROWDJH WR )UHTXHQF\ &RQYHUWHU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com