Electronic Components Datasheet Search
  English  ▼

X  

2N6689 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N6689
Description  NPN POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6689 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N6689 Datasheet HTML 1Page - Microsemi Corporation 2N6689 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N6674, 2N6675, 2N6689, 2N6690 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
Emitter-Base Cutoff Current
VEB = 7.0 Vdc
IEBO
2.0
mAdc
Collector-Base Cutoff Current
VCB = 450 Vdc
2N6674, 2N6689
VCB = 650 Vdc
2N6675, 2N6690
ICBO
1.0
1.0
mAdc
ON CHARACTERISTICS
(4)
Forward-Current Transfer Ratio
IC = 1 Adc; VCE = 3.0 Vdc
IC = 10 Adc; VCE = 2.0 Vdc
hFE
15
8
40
20
Collector-Emitter Saturation Voltage
IC = 10 Adc; IB = 2 Adc
IC = 15 Adc; IB = 5 Adc
VCE(sat)
1.0
5.0
Vdc
Base-Emitter Saturation Voltage
IC = 10 Adc; IB = 2 Adc
VBE(sat)
1.5
Vdc
DYNAMIC CHARACTERISTICS
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 1.0 Adc, VCE = 10 Vdc, f = 5 MHz
h
fe
3.0
10
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
150
500
pF
SWITCHING CHARACTERISTICS
Delay Time
td
0.1
µs
Rise Time
tr
0.6
µs
Storage Time
ts
2.5
µs
Fall Time
tf
0.5
µs
Cross-Over Time
See Figure 3 of MIL-PRF-19500/537
tc
0.5
µs
SAFE OPERATING AREA
DC Tests (continuous dc)
TC = +25
0C, power application time = 1.0 s; 1 Cycle, (See Figure 4 of MIL-PRF-19500/537)
Test 1
VCE = 11.7 Vdc, IC = 15 Adc
All Types
Test 2
VCE = 30 Vdc, IC = 5.9 Adc
2N6674, 2N6675
Test 3
VCE = 100 Vdc, IC = 0.25 Adc
All Types
Test 4
VCE = 25 Vdc, IC = 7.0 Adc
2N6689, 2N6690
Test 5
VCE = 300 Vdc, IC = 20 mAdc
2N6674, 2N6689
VCE = 400 Vdc, IC = 10 mAdc
2N6675, 2N6690
Clamped Switching
TA = 25
0C; V
CC = 15 Vdc; Load condition B; RBB1 = 5 Ω; RBB2 = 1.5 Ω;
VBB2 = 5 Vdc; L = 50 µH; R of inductor = .05Ω; RL = R of inductor.
(See Figure 6 of MIL-PRF-19500/537)
Clamp Voltage = 350; IC = 10 Adc
2N6674, 2N6689
Clamp Voltage = 450; IC = 10 Adc
2N6675, 2N6690
(4) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com