Electronic Components Datasheet Search
  English  ▼

X  

CLC520 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC520
Description  Amplifier with Voltage Controlled Gain, AGCAmp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC520 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC520 Datasheet HTML 1Page - National Semiconductor (TI) CLC520 Datasheet HTML 2Page - National Semiconductor (TI) CLC520 Datasheet HTML 3Page - National Semiconductor (TI) CLC520 Datasheet HTML 4Page - National Semiconductor (TI) CLC520 Datasheet HTML 5Page - National Semiconductor (TI) CLC520 Datasheet HTML 6Page - National Semiconductor (TI) CLC520 Datasheet HTML 7Page - National Semiconductor (TI) CLC520 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
s
160MHz, -3dB bandwidth
s
2000V/
µsec slew rate
s
0.04% signal nonlinearity at 4Vpp output
s
-43dB feedthrough at 30MHz
s
User adjustable gain range
s
Differential voltage input and
single-ended voltage output
Applications
s
Wide-bandwidth AGC systems
s
Automatic signal-leveling
s
Video signal processing
s
Voltage controlled filters
s
Differential amplifier
s
Amplitude modulation
General Description
CLC520
Amplifier with Voltage Controlled Gain, AGC+Amp
N
June 1999
Pinout
DIP & SOIC
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.
CLC520AJP -40°C to +85°C
14-pin plastic DIP
CLC520AJE -40°C to +85°C
14-pin plastic SOIC
CLC520ALC -40°C to +85°C
dice
CLC520AMC -55°C to +125°C
dice qualified to Method 5008,
MIL-STD-883, Level B
DESC SMD number: 5962-91694


Similar Part No. - CLC520

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC522 NSC-CLC522 Datasheet
281Kb / 8P
Wideband Variable-Gain Amplifier
CLC522AJE NSC-CLC522AJE Datasheet
281Kb / 8P
Wideband Variable-Gain Amplifier
CLC522AJP NSC-CLC522AJP Datasheet
281Kb / 8P
Wideband Variable-Gain Amplifier
CLC522ALC NSC-CLC522ALC Datasheet
281Kb / 8P
Wideband Variable-Gain Amplifier
CLC522AMC NSC-CLC522AMC Datasheet
281Kb / 8P
Wideband Variable-Gain Amplifier
More results

Similar Description - CLC520

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3330 RFMD-RF3330 Datasheet
143Kb / 10P
IF GAIN CONTROLLED AMPLIFIER
logo
Sanyo Semicon Device
LA8120T SANYO-LA8120T Datasheet
177Kb / 8P
Monolithic Linear IC AGC Amplifier with Step Gain Control
LA8128T SANYO-LA8128T Datasheet
187Kb / 6P
Monolithic Linear IC AGC Amplifier with Step Gain Control
LA7795T SANYO-LA7795T Datasheet
184Kb / 8P
AGC Amplifier with Step Gain Control
logo
API Technologies Corp
BXMF1038 APITECH-BXMF1038 Datasheet
501Kb / 1P
Automatic Gain Controlled Amplifier
logo
Teledyne Technologies I...
AGC0330 TELEDYNE-AGC0330 Datasheet
101Kb / 4P
Voltage-Controlled AGC Amplifier
AGC330 TELEDYNE-AGC330 Datasheet
101Kb / 4P
Voltage-Controlled AGC Amplifier
AGC0553 TELEDYNE-AGC0553 Datasheet
136Kb / 8P
Voltage-Controlled AGC Amplifier
AGC553 TELEDYNE-AGC553 Datasheet
136Kb / 8P
Voltage-Controlled AGC Amplifier
AGC1053 TELEDYNE-AGC1053 Datasheet
138Kb / 8P
Voltage-Controlled AGC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com