Electronic Components Datasheet Search
  English  ▼

X  

BQ24010 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24010
Description  SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bq TINY)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24010 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24010 Datasheet HTML 1Page - Texas Instruments BQ24010 Datasheet HTML 2Page - Texas Instruments BQ24010 Datasheet HTML 3Page - Texas Instruments BQ24010 Datasheet HTML 4Page - Texas Instruments BQ24010 Datasheet HTML 5Page - Texas Instruments BQ24010 Datasheet HTML 6Page - Texas Instruments BQ24010 Datasheet HTML 7Page - Texas Instruments BQ24010 Datasheet HTML 8Page - Texas Instruments BQ24010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
bq24010,bq24012, bq24013, bq24014
SLUS530F − SEPTEMBER 2002 − REVISED AUGUST 2005
SINGLECHIP, LIION CHARGE MANAGEMENT IC FOR
HANDHELD APPLICATIONS (bqTINYt)
FEATURES
D Small 3 mm × 3 mm MLP (QFN) Package
D Ideal for Low-Dropout Designs for Single-Cell
Li−Ion or Li−Pol Packs in Space Limited
Applications
D Integrated Power FET and Current Sensor for
Up to 1-A Charge Applications
D Reverse Leakage Protection Prevents Battery
Drainage
D Integrated Current and Voltage Regulation
D ± 0.5% Voltage Regulation Accuracy
D Charge Termination by Minimum Current
and Time
D Precharge Conditioning With Safety Timer
D Status Outputs for LED or System Interface
Indicates Charge and Fault Conditions
D Battery Insertion and Removal Detection
D Works With Regulated and Unregulated
Supplies
D Short-Circuit Protection
APPLICATIONS
D Cellular Phones
D PDAs, MP3 Players
D Digital Cameras
D Internet Appliances
DESCRIPTION
The bqTINY
t series are highly integrated Li-Ion and
Li-Pol linear charge management devices targeted at
space limited portable applications. The bqTINY
t
series offer integrated powerFET and current sensor,
reverse blocking protection, high accuracy current and
voltage
regulation,
charge
status,
and
charge
termination, in a small package.
The bqTINY
t charges the battery in three phases:
conditioning, constant current, and constant voltage.
Charge is terminated based on minimum current. An
internal charge timer provides a backup safety feature
for charge termination. The bqTINY
t automatically
re-starts the charge if the battery voltage falls below an
internal threshold. The bqTINY
t automatically enters
sleep mode when VCC supply is removed.
In addition to the standard features, different versions
of the bqTINY
t offer a multitude of additional features.
These include temperature sensing input for detecting
hot or cold battery packs; power good (PG) output
indicating the presence of valid input power; a
TTL−level charge-enable input (CE) used to disable or
enable the charge process; and a TTL-level timer and
termination enable (TTE) input used to disable or
enable the fast-charge timer and charge termination.
UDG−02106
RSET
1
2
3
4
10
9
8
5
IN
VCC
OUT
VSS
STAT1
STAT2
7
6
BAT
PG
ISET
bq24012DRC
+
BATTERY
PACK
PACK+
PACK−
SYSTEM
SYSTEM
INTERFACE
CE
AC ADAPTER
bqTINY is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002−2005, Texas Instruments Incorporated


Similar Part No. - BQ24010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24010 TI-BQ24010 Datasheet
636Kb / 25P
SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
Single-Chip, Li-Ion Charge Management IC
BQ24010 TI2-BQ24010 Datasheet
1,018Kb / 25P
Single-Chip, Li-Ion Charge Management IC for Handheld Applications ( bqTINY™)
REVISED JANUARY 2014
BQ24010DRCR TI-BQ24010DRCR Datasheet
636Kb / 25P
SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24010DRCR TI1-BQ24010DRCR Datasheet
977Kb / 24P
Single-Chip, Li-Ion Charge Management IC
More results

Similar Description - BQ24010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24010 TI-BQ24010_07 Datasheet
636Kb / 25P
SINGLE-CHIP, LI-ION CHARGE MANAGEMENT IC FOR HANDHELD APPLICATIONS (bqTINY??
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
TWO-CELL Li-ION CHARGE MANAGEMENT IC
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
Single-Chip, Li-Ion Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com