Electronic Components Datasheet Search
  English  ▼

X  

CT3232 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # CT3232
Description  Low Power Driver /Receiver For MIL-STD-1553 & Macair
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT3232 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  CT3232 Datasheet HTML 1Page - Aeroflex Circuit Technology CT3232 Datasheet HTML 2Page - Aeroflex Circuit Technology CT3232 Datasheet HTML 3Page - Aeroflex Circuit Technology CT3232 Datasheet HTML 4Page - Aeroflex Circuit Technology CT3232 Datasheet HTML 5Page - Aeroflex Circuit Technology CT3232 Datasheet HTML 6Page - Aeroflex Circuit Technology CT3232 Datasheet HTML 7Page - Aeroflex Circuit Technology CT3232 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Aeroflex Circuit Technology
4
SCDCT3232 REV A 6/27/02 Plainview NY (516) 694-6700
Receiver con’t
Output Characteristics, RX Data & Data
“1” State (ISOURCE = -0.4 mA) Note 2
“0” State (ISINK = 4 mA) Note 2
Note: With Receiver input below threshold, both RX Data & RX
Data outputs remain in “1” state.
Delay (average) from differential input zero crossings to RX Data
& RX Data output 50% points.
VOH
VOL
tDRX
2.5
-
-
3.3
-
290
-
0.5
450
V
V
ns
Note 1: Assumes unit in free air (natural convection cooling).
Driver
Power Supply Voltage Ranges
(See Receiver Section for VCCL)
VCCTX
VEETXL
+11.75
-11.75
-
-
+15.75
-15.75
V
V
Supply Current, “Standby” mode (See Receiver Section for ICCL)
(TX Inhibit high; or TX Data & TX Data both high or both low)
ICCTXS
IEETXS
-
-
12
0
Note 2
1.0
mA
mA
Supply Current transmitting at 1MHz into a 35
Ω load
at point A in Figure 4
(ICCL limits do not change with mode of operation
or duty cycle)
Duty Cycle
ICCX25
Note 4
45
Note 2
mA
25%
IEEX25
Note 3
35
Note 2
mA
100%
VCCTX
Note 4
150
Note 2
mA
IEETX
Note 3
135
Note 2
mA
Input Characteristics, TX Data In or TX Data In
“0” Input Current (VIN = 0.4 V)
“1” Input Current (VIN = 2.7 V)
“0” Input Voltage
“1” Input VoltageV
IILD
IIHD
VILD
VIHD
-
-
-
2.0
-
-
-
-
-1.2
100
0.7
-
mA
µa
V
V
Inhibit Characteristic
“0” Input Current (VIN = 0.4 V)
“1” Input Current (VIN = 2.7 V)
“0” Input Voltage
“1” Input Voltage
Delay from TX Inhibit (0
1) to inhibited output impedance
Delay from TX Inhibit (1
0) to active output impedance
Differential output noise, inhibit mode
Differential output impedance (inhibited) at 1MHz
IILI
IIHI
VILI
VIHII
tDXOFF
tDXON
VNOI
ZOI
-
-
-
2.0
-
-
-
10K
-
-
-
-
300
100
-
-
-0.8
50
0.7
-
450
350
10
-
mA
µA
V
V
ns
ns
mVPEAK
Output Characteristics (Figure 3)
Differential output level (140 ohm load)
Differential Active output impedance at 1MHz
Rise and Fall times (10% to 90% of p-p output)
Output offset at point A in Fig. 4 (35
Ω load) 2.5µS after mid-bit
crossing of the parity bit of the last word of a 660µS message
Delay from 50% point of TX Data or TX Data input to zero
crossing of differential output
VO
ZOA
tR /tF
VOS
tDTX
28
-
200
-
-
32
-
-
±20
220
35
10
300
±75
350
Vp-p
ns
mVpeak
ns
Note 2: Maximum supply currents for driver and receiver combined are included in power and thermal data table.
Electrical Characteristics con’t
Parameter / Condition
Sym
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com