Electronic Components Datasheet Search
  English  ▼

X  

IN08046 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # IN08046
Description  This is RoHS compliant product
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

IN08046 Datasheet(HTML) 1 Page - ice Components, Ins.

  IN08046 Datasheet HTML 1Page - ice Components, Ins. IN08046 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ICE Components, Inc.
Tel 678-560-9172 Fax 678-560-9304
cust.serv@icecomp.com
www.icecomponents.com
1165 Allgood Rd., Ste. #20, Marietta, GA 30062
General Information
Customer
Part Number
IN08046
Revision
0
Description
Inductor
Date
AUG-07-2009
Reference
--
Doc Control #
--
Issue(For ICE use only) --
Mechanical Drawing
IN08046
YYWW
7.0 max
2.7 max
0.1 max for coplanarity
unit:mm
Specification
Sample Test Data
Item
Pins
Spec
Test Condition
S – F
1.0 uH +/- 20%
100 kHz, 1Vrms, series (0Adc)
Inductance
S – F
0.72 uH min
100 kHz, 1Vrms, series (8.5Adc)
DCR
S – F
16 mOhms +/- 15% 25 deg C
Schematic
F
S
Footprint
6.6
1.6
1.0
TOP VIEW
unit:mm
Recommended PCB Layout
7.1
2.34
1.6
TOP VIEW
unit:mm
Remarks
1.
This is RoHS compliant
product.
2.
The max operating temperature
is 130degC (ambient +
temperature rise).
3.
Isat is the current at which the
inductance drops by 15%.
4.
Inductance vs. Current Curve as
attached.
Rev.
Description
PRD CHK
APP
Date
NTFY
0
Initial release
Emily
Gary
L. L. Chou
2009/8/7
2009/8/7
Sample approval is required before
release to production. Sample
specifications take precedence over
customer specifications.
__________________________
Customer Signature
FORM NO. : I10105-02
PAGE 1 OF 2


Similar Part No. - IN08046

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN08048 ICE-IN08048 Datasheet
56Kb / 2P
Isat is the current at which the inductance drops by 20%.
More results

Similar Description - IN08046

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
SMI-1324-TW-3V-R PUI-SMI-1324-TW-3V-R Datasheet
158Kb / 1P
THIS PART IS RoHS 2002/95/EC COMPLIANT
logo
ice Components, Ins.
IN07185 ICE-IN07185 Datasheet
32Kb / 1P
This is RoHS compliant product
IN07195 ICE-IN07195 Datasheet
37Kb / 2P
This is RoHS compliant product
IN07205 ICE-IN07205 Datasheet
37Kb / 2P
This is RoHS compliant product
IN08008 ICE-IN08008 Datasheet
34Kb / 2P
This is RoHS compliant product
IN08028 ICE-IN08028 Datasheet
35Kb / 2P
This is RoHS compliant product
IN08055 ICE-IN08055 Datasheet
54Kb / 2P
This is RoHS compliant product
IN08056 ICE-IN08056 Datasheet
34Kb / 2P
This is RoHS compliant product
IN08140 ICE-IN08140 Datasheet
33Kb / 2P
This is RoHS compliant product
IN12097 ICE-IN12097 Datasheet
39Kb / 2P
This is RoHS compliant and halogen free product
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com