Electronic Components Datasheet Search
  English  ▼

X  

IN08050 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # IN08050
Description  Isat is the current at which the inductance drops by 15%.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

IN08050 Datasheet(HTML) 1 Page - ice Components, Ins.

  IN08050 Datasheet HTML 1Page - ice Components, Ins. IN08050 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ICE Components, Inc.
Tel 678-560-9172 Fax 678-560-9304
cust.serv@icecomp.com
www.icecomponents.com
1165 Allgood Rd., Ste. #20, Marietta, GA 30062
General Information
Customer
Part Number
IN08050
Revision
1
Description
Inductor
Date
AUG-07-2009
Reference
--
Doc Control #
--
Issue(For ICE use only) --
Mechanical Drawing
IN08050
YYWW
10.5 MAX
1.5+/-0.1
(X2)
2.0 +/- 0.3
6.2 +/- 0.3
0.1 max
for coplanarity
unit:mm
Specification
Sample Test Data
Item
Pins
Spec
Test Condition
Inductance @0Adc S - F
680 nH +/- 15%
1 MHz, 0.1Vrms, series
Inductance @Isat at
25degC
S - F
500 nH min
1 MHz, 0.1Vrms, series
(21Adc)
DCR
S - F
1.2 mOhm typical
(1.5 mOhm max)
+25 deg C
Isat at 25degC
S - F
21 Adc max
Isat at +125degC
S - F
16 Adc max
Idc
S - F
22 Adc max
Schematic
S
F
Recommended PCB Layout
2.5
8.69
3.61
unit:mm
Remark
1.
Isat is the current at which the inductance
drops by 15%.
2.
Idc is the current at which the temperature
of the part increases by 50 deg C.
3.
Inductance vs. Current Curve and
Temperature vs. Current Curve as
attached.
4. This is RoHS compliant product.
5. The max operating temperature is 130degC
(ambient + temperature rise).
Rev.
Description
PRD CHK
APP
Date
NTFY
1
Initial release
Emily
Gary
L. L. Chou
2009/8/7
2009/8/7
Sample approval is required before
release to production. Sample
specifications take precedence over
customer specifications.
__________________________
Customer Signature
FORM NO. : I10105-02
PAGE 1 OF 2


Similar Part No. - IN08050

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN08052 ICE-IN08052 Datasheet
37Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08055 ICE-IN08055 Datasheet
54Kb / 2P
This is RoHS compliant product
IN08056 ICE-IN08056 Datasheet
34Kb / 2P
This is RoHS compliant product
More results

Similar Description - IN08050

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN08006 ICE-IN08006 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08032 ICE-IN08032 Datasheet
57Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08074 ICE-IN08074 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08132 ICE-IN08132 Datasheet
37Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08133 ICE-IN08133 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08146 ICE-IN08146 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN09003 ICE-IN09003 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%
IN09011 ICE-IN09011 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08075 ICE-IN08075 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
ICA-2194 ICE-ICA-2194 Datasheet
56Kb / 2P
Isat is the current at which the inductance drops by 15%.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com