Electronic Components Datasheet Search
  English  ▼

X  

D882 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D882
Description  TO-126 Plastic-Encapsulate Transistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

D882 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D882 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
YOUDA TRANSISTOR
D882
Si NPN TRANSISTOR
D882
DESCRIPTION AND FEATURES
*Collector-Emitter voltage: BVCBO= 40V
*Collector current up to 3A
*High hFE linearity
PIN CONFIGURATIONS
PIN
SYMBOL
1
Emitter
2
Collector
3
Base
ABSOLUTE MAXIMUM RATINGS
(Tamb=25
)
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
BVCBO
40
V
Collector-Emitter Voltage
BVCEO
30
V
Emitter-Base Voltage
BVEBO
5
V
Tcase=25
10
W
Collector Dissipation
Tamb=25
PCM
1
W
DC
ICM
3
A
Collector Current
Pulse
Icp
7
A
Base Current
IB
0.6
A
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55
+150
ELECTRICAL CHARACTERISTICS
(Tamb=25
,all voltage referenced to GND Unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Cut-Off Current
ICBO
VcB=30V, IE=0
100
nA
Emitter Cut-Off Current
IEBO
VEB=3V, IC=0
100
nA
hFE1
VcE=2V, IC=20mA
30
200
DC Current Gain
hFE2
VcE=2V, IC=1A
100
400
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=2A, IB=0.2A
0.3
0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
Ic=2A, IB=0.2A
1.0
2.0
V
Current Gain Bandwidth Product
fT
VcE=5V, IC=0.1A
80
MHz
Output Capacitance
Cob
VcB=10V,
IE=0,f=1MHz
45
pF
CLASSIFICATION OF hFE
RANK
Q
P
E
RANGE
100
200
160
320
200
400
WuXi YouDa Electronics Co., Ltd
Add:
No.5 Xijin Road, National Hi-Tech Industrial Development Zone, Wuxi Jiangsu China
Tel:
86-510-5205117
86-510-5205108
Fax:
86-510-5205110
Website: www.e-youda.com
SHENZHEN OFFICE
Tel
86-755-83740369
13823533350
Fax
86-755-83741418
Ver
3.1
1 of 1
2004-9-20


Similar Part No. - D882

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
D882 JIANGSU-D882 Datasheet
131Kb / 2P
TRANSISTOR竊?NPN 竊
D882 JIANGSU-D882 Datasheet
1,017Kb / 3P
TRANSISTOR竊뉿PN竊
logo
Stanson Technology
D882 STANSON-D882 Datasheet
22Kb / 1P
PNP TRANSISTOR
logo
List of Unclassifed Man...
D882 ETC1-D882 Datasheet
28Kb / 1P
SI NPN TRANSISTOR
logo
STMicroelectronics
D882 STMICROELECTRONICS-D882 Datasheet
92Kb / 8P
NPN MEDIUM POWER TRANSISTOR
02-Oct-2007
More results

Similar Description - D882

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MJE13003 DGNJDZ-MJE13003 Datasheet
171Kb / 1P
TO-126 Plastic-Encapsulate Transistors
D882 DGNJDZ-D882 Datasheet
397Kb / 2P
TO-126 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB1167 JIANGSU-2SB1167 Datasheet
1Mb / 4P
TO-126 Plastic-Encapsulate Transistors
2SC2314 JIANGSU-2SC2314 Datasheet
971Kb / 3P
TO-126 Plastic-Encapsulate Transistors
2SD669AL JIANGSU-2SD669AL Datasheet
1Mb / 4P
TO-126 Plastic-Encapsulate Transistors
3DA882 JIANGSU-3DA882 Datasheet
954Kb / 3P
TO-126 Plastic-Encapsulate Transistors
MJE170 JIANGSU-MJE170 Datasheet
919Kb / 4P
TO-126 Plastic-Encapsulate Transistors
BD138 JIANGSU-BD138 Datasheet
1Mb / 4P
TO-126 Plastic-Encapsulate Transistors
BD233 JIANGSU-BD233 Datasheet
285Kb / 3P
TO-126 Plastic-Encapsulate Transistors
BD433 JIANGSU-BD433 Datasheet
939Kb / 3P
TO-126 Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com