Electronic Components Datasheet Search
  English  ▼

X  

IN08070 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # IN08070
Description  Isat is the current at which the inductance drops by 20%.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

IN08070 Datasheet(HTML) 1 Page - ice Components, Ins.

  IN08070 Datasheet HTML 1Page - ice Components, Ins. IN08070 Datasheet HTML 2Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
ICE Components, Inc.
Tel 678-560-9172 Fax 678-560-9304
cust.serv@icecomp.com
www.icecomponents.com
1165 Allgood Rd., Ste. #20, Marietta, GA 30062
General Information
Customer
Part Number
IN08070
Revision
0
Description
Inductor
Date
AUG-07-2009
Reference
--
Doc Control #
--
Issue(For ICE use only) --
Mechanical Drawing
1.6 +/- 0.1
2.5 +/-0.2(x2)
11.0 MAX
7.2 MAX
IN08070
YYWW
(b)
(a)
0.1 max
for coplanarity
unit:mm
Specification
Sample Test Data
Item
Pins
Spec
Test Condition
Inductance @0Adc
S - F
220 nH +/- 10%
1 MHz, 0.1Vrms, series
Inductance @Isat at 25degC
S - F
158 nH min
1 MHz, 0.1Vrms, series (47 Adc)
DCR
S - F
0.29 mOhm +/- 10% +25 deg C
Isat at 25degC
S - F
47 Adc max
Isat at +125degC
S - F
39 Adc max
Idc
S - F
45 Adc max
Schematic
S
F
Recommended PCB Layout
2.5
11.2
3.5
unit:mm
Remark
1.
Isat is the current at which the inductance
drops by 20%.
2.
Idc is the current at which the temperature
of the part increases by 50 deg C.
3.
Inductance vs. Current Curve and
Temperature vs. Current Curve as
attached.
4. The nominal DCR is measured from point
(a) to point (b), as shown on the
mechanical drawing.
5. This is RoHS compliant product.
6. The max operating temperature is 130degC
(ambient + temperature rise).
Rev.
Description
PRD CHK
APP
Date
NTFY
0
Initial release
Emily
Gary
L. L. Chou
2009/8/7
2009/8/7
Sample approval is required before
release to production. Sample
specifications take precedence over
customer specifications.
__________________________
Customer Signature
FORM NO. : I10105-02
PAGE 1 OF 2


Similar Part No. - IN08070

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN08074 ICE-IN08074 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08075 ICE-IN08075 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 15%.
IN08078 ICE-IN08078 Datasheet
56Kb / 2P
Isat is the current at which the inductance drops by 20%.
More results

Similar Description - IN08070

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
IN07184 ICE-IN07184 Datasheet
56Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN07200 ICE-IN07200 Datasheet
57Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN08091 ICE-IN08091 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN08097 ICE-IN08097 Datasheet
37Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN08130 ICE-IN08130 Datasheet
58Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN08131 ICE-IN08131 Datasheet
37Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN08078 ICE-IN08078 Datasheet
56Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN08080 ICE-IN08080 Datasheet
36Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN08082 ICE-IN08082 Datasheet
39Kb / 2P
Isat is the current at which the inductance drops by 20%.
IN08087 ICE-IN08087 Datasheet
37Kb / 2P
Isat is the current at which the inductance drops by 20%.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com